Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JD102B-C Datasheet (PDF) - ATGBICS by Approved Technology

JD102B-C Datasheet PDF - ATGBICS by Approved Technology
Part # JD102B-C
Download  JD102B-C Download
File Size   339.46 Kbytes
Page   10 Pages
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology
Description JD102B HPE Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)

JD102B-C Datasheet (PDF)

Go To PDF Page Download Datasheet
JD102B-C Datasheet PDF - ATGBICS by Approved Technology

Part # JD102B-C
Download  JD102B-C Click to download

File Size   339.46 Kbytes
Page   10 Pages
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology
Description JD102B HPE Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)

JD102B-C Datasheet (HTML) - ATGBICS by Approved Technology


JD102B-C Product details

Features

ATGBICS JD102B 100Base-FX supports a distance of up to 2km over multi-mode fibre (MMF) using a wavelength of 1310nm via an LC connector.

Digital optical monitoring (DOM) support is also present enabling real-time monitoring of the parameters of the fibre optic transceiver.

Our product meets the specification of HPE JD102B= and we proudly offer a compatibility guarantee and lifetime warranty.

Our rigorously tested products record a unique traceable serial number and are fully compliant with all MSA Standards.

.

Category

Network Transceiver Modules.

Warrenty note

Limited Lifetime.




Similar Part No. - JD102B-C

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
JD1-0001NL PULSE-JD1-0001NL Datasheet
852Kb / 5P
CONN,RJ45,1X1,100D,1:1,TU
JD1-0002NL PULSE-JD1-0002NL Datasheet
866Kb / 5P
CONN,RJ45,1X1,100D,1:1,TU
JD1-0003NL PULSE-JD1-0003NL Datasheet
796Kb / 5P
CONN,RJ45,1X1,100D,1:1,TU
JD1-0004NL PULSE-JD1-0004NL Datasheet
824Kb / 5P
CONN,RJ45,1X1,100D,1:1,TU
logo
VITALCONN ELECTRONICS H...
JD114A11BPD7 VITALCONN-JD114A11BPD7 Datasheet
380Kb / 1P
RJ45 8P8C 17.65 MM W/LED
REV: A
More results


Similar Description - JD102B-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
0231A320-C ATGBICS-0231A320-C Datasheet
339Kb / 10P
0231A320 Huawei Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
10063-C ATGBICS-10063-C Datasheet
339Kb / 10P
10063 Extreme Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
100BASE-FX-MM-SFP-C ATGBICS-100BASE-FX-MM-SFP-C Datasheet
340Kb / 10P
100BASE-FX-MM-SFP Huawei Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
2315233-C ATGBICS-2315233-C Datasheet
339Kb / 10P
2315233 Huawei Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
3CSFP81-C ATGBICS-3CSFP81-C Datasheet
339Kb / 10P
3CSFP81 3COM Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
3HE00024AA-C ATGBICS-3HE00024AA-C Datasheet
339Kb / 10P
3HE00024AA Alcatel Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
3HE00024CA-C ATGBICS-3HE00024CA-C Datasheet
277Kb / 10P
3HE00024CA Alcatel Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
J9054C-C ATGBICS-J9054C-C Datasheet
339Kb / 10P
J9054C HPE Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
J9054D-C ATGBICS-J9054D-C Datasheet
339Kb / 10P
J9054D HPE Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
LFP402-C ATGBICS-LFP402-C Datasheet
339Kb / 10P
LFP402 Blackbox Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com