Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC74VHC1GU04 Datasheet (PDF) - E-Tech Electronics LTD

MC74VHC1GU04 Datasheet PDF - E-Tech Electronics LTD
Part # MC74VHC1GU04
Download  MC74VHC1GU04 Download
File Size   575.89 Kbytes
Page   4 Pages
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
Description Unbuffered Inverter

MC74VHC1GU04 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC1GU04 Datasheet PDF - E-Tech Electronics LTD

Part # MC74VHC1GU04
Download  MC74VHC1GU04 Click to download

File Size   575.89 Kbytes
Page   4 Pages
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
Description Unbuffered Inverter

MC74VHC1GU04 Datasheet (HTML) - E-Tech Electronics LTD


MC74VHC1GU04 Product details

The MC74VHC1GU04 is an advanced high speed CMOS Unbuffered inverter fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
This device consists of a single unbuffered inverter. In combination with others, or in the MC74VHCU04 Hex Unbuffered Inverter, these devices are well suited for use as oscillators, pulse shapers, and in many other applications requiring a high–input impedance amplifier. For digital applications, the MC74VHC1G04 or the MC74VHC04 are recommended.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output.
The MC74VHC1GU04 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the MC74VHC1GU04 to be used to interface 5 V circuits to 3 V circuits.

• High Speed: t PD = 2.5 ns (Typ) at V CC = 5 V
• Low Power Dissipation: I CC = 2 mA (Max) at T A= 25°C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 105; Equivalent Gates = 26




Similar Part No. - MC74VHC1GU04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04 Datasheet
181Kb / 8P
Unbuffered Inverter
November, 1999 ??Rev. 2
MC74VHC1GU04 ONSEMI-MC74VHC1GU04 Datasheet
78Kb / 6P
Single Unbuffered Inverter
February, 2007 ??Rev. 16
MC74VHC1GU04 ONSEMI-MC74VHC1GU04 Datasheet
72Kb / 6P
Single Unbuffered Inverter
February, 2007 ??Rev. 16
MC74VHC1GU04 ONSEMI-MC74VHC1GU04 Datasheet
79Kb / 6P
Single Unbuffered Inverter
October, 2016 ??Rev. 20
MC74VHC1GU04 ONSEMI-MC74VHC1GU04 Datasheet
170Kb / 16P
Single Unbuffered Inverter
April, 2022 ??Rev. 23
More results


Similar Description - MC74VHC1GU04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04 Datasheet
181Kb / 8P
Unbuffered Inverter
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74HC1GU04 HITACHI-HD74HC1GU04 Datasheet
48Kb / 8P
Unbuffered Inverter
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A Datasheet
87Kb / 10P
Unbuffered Inverter
HD74LV1GU04A RENESAS-HD74LV1GU04A_08 Datasheet
111Kb / 8P
Unbuffered Inverter
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
Inverter (Unbuffered)
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A_15 Datasheet
166Kb / 9P
Unbuffered Inverter
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04 Datasheet
92Kb / 9P
Unbuffered Inverter
September, 2014 ??Rev. 4
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
Inverter (Unbuffered)
2009-09-24
logo
Nexperia B.V. All right...
74LVC1GU04-Q100 NEXPERIA-74LVC1GU04-Q100 Datasheet
229Kb / 13P
Unbuffered inverter
Rev. 4 - 12 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com