Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFCP201010K000TCR0.2ABW Datasheet (PDF) - Vishay Siliconix

VFCP201010K000TCR0.2ABW Datasheet PDF - Vishay Siliconix
Part # VFCP201010K000TCR0.2ABW
Download  VFCP201010K000TCR0.2ABW Download
File Size   231.38 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power

VFCP201010K000TCR0.2ABW Datasheet (PDF)

Go To PDF Page Download Datasheet
VFCP201010K000TCR0.2ABW Datasheet PDF - Vishay Siliconix

Part # VFCP201010K000TCR0.2ABW
Download  VFCP201010K000TCR0.2ABW Click to download

File Size   231.38 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power

VFCP201010K000TCR0.2ABW Datasheet (HTML) - Vishay Siliconix


VFCP201010K000TCR0.2ABW Product details

FEATURES
• Temperature coefficient of resistance (TCR):
± 0.05 ppm/°C nominal (0°C to + 60°C)
± 0.2 ppm/°C nominal (–55°C to +125°C, +25°C ref.)
(see Table 1 and Figure 2)
• Tolerance: to ±0.01% (100 ppm)
• Power coefficient “∆R due to self heating” 5 ppm at
rated power
• Load-life stability (70°C for 2000 h): ±0.005% (50 ppm)
• Power rating to: 600 mW at +70°C
• Electrostatic discharge (ESD): at least to 25 kV
• Resistance range: 5 Ω to 125 kΩ (for lower and higher
values, please contact us)
• Foil resistors are not restricted to standard values;
specific “as required” values can be supplied at no
extra cost or delivery (e.g., 1K2345 vs. 1K)
• Non-inductive, non-capacitive design
• Thermal stabilization time: <1 s (within 10 ppm of
steady state value)
• Short time overload: ≤0.005% (50 ppm)
• Non hot spot design
• Rise time: 1 ns effectively no ringing
• Current noise: <0.010 μVrms / V of applied voltage
(<–40 dB)
• Voltage coefficient: <0.1 ppm/V
• Non-inductive: <0.08 μH
• Terminal finishes available: lead (Pb)-free, tin/lead alloy
• Compliant to RoHS directive 2002/95/EC*
• Matched sets are available per request
• Prototype quantities available in just 5 working days or
sooner. For more information, please contact us.




Similar Part No. - VFCP201010K000TCR0.2ABW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFCP2010 VISHAY-VFCP2010 Datasheet
130Kb / 5P
Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
28-Jun-07
More results


Similar Description - VFCP201010K000TCR0.2ABW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
19-Apr-07
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
13-Nov-07
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
16-Apr-07
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
25-Feb-08
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
11-Jun-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
16-Jul-07
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
03-Nov-08
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
18-Sep-08
VFCP VISHAY-VFCP Datasheet
130Kb / 5P
Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
28-Jun-07
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
29-Oct-2012
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com