Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD362SD Datasheet (PDF) - Analog Devices

AD362SD Datasheet PDF - Analog Devices
Part # AD362SD
Download  AD362SD Download
File Size   3489.06 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PrecisionSample-and-Hold with 16-Channel Multiplexer

AD362SD Datasheet (PDF)

Go To PDF Page Download Datasheet
AD362SD Datasheet PDF - Analog Devices

Part # AD362SD
Download  AD362SD Click to download

File Size   3489.06 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PrecisionSample-and-Hold with 16-Channel Multiplexer

AD362SD Datasheet (HTML) - Analog Devices


AD362SD Product details

PRODUCTDESCRIPTION

TheAD362isacomplete, precision 16-channel data acquisition system analoginput section in hybrid integrated circuit form. Large-scalelinear integrated circuitry, thick- and thinfilm technology andactive laser trimming givesthe AD362 extensive applications versatility alongwithfull 12-bit accuracy.



FEATURES

16 Single-Ended or 8 Differential Channels with Switchable Mode Control

True 12-Bit Precision: Nonlinearity  ≤+0.005%

High Speed: 10µs Acquisition Time to 0.01%

Complete and Calibrated: No Additional Parts Required

Small, Reliable: 32Pin Hermetic Metal DIP

Versatile: Simple Interface to Popular Analogto Digital Converters

High Differential Input Impedance (1010Ω) and Common Mode Rejection (80dB)

Fully Protected Multiplexer Inputs




Similar Part No. - AD362SD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD363 AD-AD363 Datasheet
682Kb / 8P
Complete 16-Channel,12-Bit Data Acquisition System
AD363 AD-AD363 Datasheet
6Mb / 16P
COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
AD363RK AD-AD363RK Datasheet
682Kb / 8P
Complete 16-Channel,12-Bit Data Acquisition System
AD363RKD AD-AD363RKD Datasheet
682Kb / 8P
Complete 16-Channel,12-Bit Data Acquisition System
AD363RKD AD-AD363RKD Datasheet
6Mb / 16P
COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
More results


Similar Description - AD362SD

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7304 NJRC-NJU7304 Datasheet
165Kb / 5P
8-CHANNEL MULTIPLEXER WITH SAMPLE AND HOLD
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Maxim Integrated Produc...
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
logo
NXP Semiconductors
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
16-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Maxim Integrated Produc...
MAX5631 MAXIM-MAX5631_06 Datasheet
690Kb / 16P
16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
logo
NXP Semiconductors
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
logo
Analog Devices
AD883B AD-AD883B_15 Datasheet
297Kb / 7P
Precision Sample and Hold with 16 Channel Multiplexer
REV. A
logo
Aeroflex Circuit Techno...
RHD5922 AEROFLEX-RHD5922 Datasheet
122Kb / 6P
RadHard-by-Design RHD5922 Analog Multiplexer 16-Channel, Sample-and-Hold
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com