Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC-128 Datasheet (PDF) - Sumida Corporation

LC-128 Datasheet PDF - Sumida Corporation
Part # LC-128
Download  LC-128 Download
File Size   204.76 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description DC-DC CONVERTER (PIN)

LC-128 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC-128 Datasheet PDF - Sumida Corporation

Part # LC-128
Download  LC-128 Click to download

File Size   204.76 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description DC-DC CONVERTER (PIN)

LC-128 Datasheet (HTML) - Sumida Corporation


LC-128 Product details

Product Description
•¢ 13.0mm Max.(L× W), 8.5mm Max. Height.
• In addition to the typical versions of parameters shown here,
   custom designs are available to meet your exact requirements.

Feature
• Magnetically shielded construction.
• Max. Operating frequency 500kHz,
   Max. Operating Power 5.0W (500kHz), 3.6W(300kHz), 1.5W(100kHz)
• Ideally used in Portable equipment, Drive for fluorescent display tube.
• RoHS Compliance




Similar Part No. - LC-128

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
LC-128 SUMIDA-LC-128 Datasheet
132Kb / 1P
General Power Transformer
LC-128B SUMIDA-LC-128B Datasheet
92Kb / 1P
DC-DC CONVERTER?늁IN?
LC-128 SUMIDA-LC-128_1 Datasheet
132Kb / 1P
General Power Transformer
More results


Similar Description - LC-128

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EE1011 SUMIDA-EE1011 Datasheet
201Kb / 1P
DC-DC CONVERTER (PIN)
EE-13 SUMIDA-EE-13 Datasheet
205Kb / 1P
DC-DC CONVERTER (PIN)
EEH2017 SUMIDA-EEH2017 Datasheet
206Kb / 1P
DC-DC CONVERTER (PIN)
EI-22 SUMIDA-EI-22 Datasheet
210Kb / 1P
DC-DC CONVERTER (PIN)
EI-30 SUMIDA-EI-30 Datasheet
106Kb / 1P
DC-DC CONVERTER (PIN)
EI-191 SUMIDA-EI-191 Datasheet
204Kb / 1P
DC-DC CONVERTER (PIN)
EI-255B SUMIDA-EI-255B Datasheet
207Kb / 1P
DC-DC CONVERTER (PIN)
LC-8 SUMIDA-LC-8 Datasheet
201Kb / 1P
DC-DC CONVERTER (PIN)
LC-10 SUMIDA-LC-10 Datasheet
208Kb / 1P
DC-DC CONVERTER (PIN)
LC-15 SUMIDA-LC-15 Datasheet
203Kb / 1P
DC-DC CONVERTER (PIN)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com