Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATWINC3400A-MU Datasheet (PDF) - Microchip Technology

ATWINC3400A-MU Datasheet PDF - Microchip Technology
Part # ATWINC3400A-MU
Download  ATWINC3400A-MU Download
File Size   1149.51 Kbytes
Page   45 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description ATWINC3400A-MU IEEE® 802.11 b/g/n Network Controller with Integrated Bluetooth® SoC

ATWINC3400A-MU Datasheet (PDF)

Go To PDF Page Download Datasheet
ATWINC3400A-MU Datasheet PDF - Microchip Technology

Part # ATWINC3400A-MU
Download  ATWINC3400A-MU Click to download

File Size   1149.51 Kbytes
Page   45 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description ATWINC3400A-MU IEEE® 802.11 b/g/n Network Controller with Integrated Bluetooth® SoC

ATWINC3400A-MU Datasheet (HTML) - Microchip Technology


ATWINC3400A-MU Product details

Wi-Fi® Features:
• IEEE 802.11 b/g/n with Single Spatial Stream (1x1), 2.4 GHz ISM Band
• Integrated PA and T/R Switch
• Superior Sensitivity and Range via Advanced PHY Signal Processing
• Advanced Equalization and Channel Estimation
• Advanced Carrier and Timing Synchronization
• Supports Soft-AP
• Supports IEEE 802.11 WEP, WPA, and WPA2 Personal and WPA2 Enterprise (firmware v. 1.3.1 or later)
• Superior MAC Throughput through Hardware Accelerated Two-Level A-MSDU/A-MPDU Frame Aggregation and Block Acknowledgment
• On-Chip Memory Management Engine to Reduce the Host Load
• Operating Temperature Range from -40°C to +85°C
• SPI Host Interface
• Integrated Flash Memory for Wi-Fi and Bluetooth System Software
• Low Leakage On-Chip Memory for State Variables
• Fast AP Re-Association (150 ms)
• On-Chip Network Stack to Offload Host MCU
– Network Features: TCP, UDP, DHCP, ARP, HTTP, TLS, DNS, and SNTP
Bluetooth Features:
• Bluetooth Low Energy 5.0
• Adaptive Frequency Hopping (AFH)
• Superior Sensitivity and Range




Similar Part No. - ATWINC3400A-MU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATWINC3400A-MU MICROCHIP-ATWINC3400A-MU Datasheet
923Kb / 2P
Wireless Network Controller
2015
More results


Similar Description - ATWINC3400A-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
Single Chip IEEE 802.11 b/g/n Network Controller SOC
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
Single Chip IEEE 802.11 b/g/n Link Controller SOC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
IEEE 802.11 b/g/n Link Controller Module
2017
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
logo
ATMEL Corporation
ATWILC1000B-MUT ATMEL-ATWILC1000B-MUT Datasheet
2Mb / 38P
IEEE 802.11 b/g/n Link Controller SoC
ATWILC3000 ATMEL-ATWILC3000 Datasheet
1Mb / 40P
Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
IEEE 802.11 b/g/n Network Controller SoC
ATWINC3400 ATMEL-ATWINC3400 Datasheet
1Mb / 35P
Single Chip IEEE 802.11 b/g/n Network Controller withIntegrated Bluetooth 4.0
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3-WROOM-1 ESPRESSIF-ESP32-S3-WROOM-1 Datasheet
884Kb / 34P
2.4 GHz WiFi (802.11 b/g/n) and Bluetooth® 5 (LE) module
ESP32-S3 ESPRESSIF-ESP32-S3 Datasheet
889Kb / 69P
2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
Version 1.3
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com