Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTCD8613E2PCM Datasheet (PDF) - II-VI Marlow, Inc.

FTCD8613E2PCM Datasheet PDF - II-VI Marlow, Inc.
Part # FTCD8613E2PCM
Download  FTCD8613E2PCM Download
File Size   518.01 Kbytes
Page   10 Pages
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.
Description 400G-SR8 QSFP-DD Finisar® Transceiver

FTCD8613E2PCM Datasheet (PDF)

Go To PDF Page Download Datasheet
FTCD8613E2PCM Datasheet PDF - II-VI Marlow, Inc.

Part # FTCD8613E2PCM
Download  FTCD8613E2PCM Click to download

File Size   518.01 Kbytes
Page   10 Pages
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.
Description 400G-SR8 QSFP-DD Finisar® Transceiver

FTCD8613E2PCM Datasheet (HTML) - II-VI Marlow, Inc.


FTCD8613E2PCM Product details

FEATURES
• Hot-pluggable QSFP-DD form factor
• Power dissipation < 9W
• RoHS compliant
• Case temperature range of 0°C to +70°C
• Single 3.3V power supply
• Maximum link length of 100m on OM4 fiber with KP4 FEC
• 8x50G PAM4 VCSEL transmitter
• 8x50G PAM4 retimed 400GUAI-8 electrical interface aligned with IEEE 802.3bs
• MPO-16 APC connector
• I2C management interface

APPLICATIONS
• 400G 100m on OM4 with FEC




Similar Part No. - FTCD8613E2PCM

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
FTCD8613E2PCM COHERENT-FTCD8613E2PCM Datasheet
569Kb / 11P
400G-SR8 QSFP-DD Finisar® Transceiver
More results


Similar Description - FTCD8613E2PCM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2015911015 MOLEX-2015911015 Datasheet
35Kb / 1P
QSFP-DD-to-QSFP-DD Passive Cable Assembly, 56 Gbps, 30 AWG, 1.5m Length
2015913020 MOLEX-2015913020 Datasheet
35Kb / 1P
QSFP-DD-to-QSFP-DD Passive Cable Assembly, 56 Gbps, 28 AWG, 2.0m Length
logo
II-VI Marlow, Inc.
FTCC1112E2PCL VIMARLOW-FTCC1112E2PCL Datasheet
882Kb / 8P
200GBASE-FR4 QSFP56 Finisar® Optical Transceiver Module
May 2021
logo
Amphenol Communications...
QSFPDD AMPHENOLCS-QSFPDD Datasheet
403Kb / 3P
QSFP DD Connectors
logo
TE Connectivity Ltd
2368652 TEC-2368652 Datasheet
290Kb / 4P
400G QSFP-DD Active Optical Cable
23 AUGUST 2022 Rev B
2418081 TEC-2418081 Datasheet
290Kb / 4P
400G QSFP-DD to 2x200G QSFP56 Breakout Active Optical Cable
23 AUGUST 2022 Rev B
logo
Microchip Technology
AVR32DD20T MICROCHIP-AVR32DD20T Datasheet
9Mb / 603P
AVR® DD Family
logo
Molex Electronics Ltd.
2015911007 MOLEX-2015911007 Datasheet
437Kb / 4P
QSFP-DD TO QSFP-DD 56G PASSIVE CABLE ASY
2021/09/10
2126751014 MOLEX-2126751014 Datasheet
320Kb / 3P
QSFP-DD TO QSFP-DD 112G PASSIVE CBL ASY
2022/07/14
logo
Amphenol Corporation
NDYYJR-0001 AMPHENOL-NDYYJR-0001 Datasheet
304Kb / 2P
QSFP DD Cable Assemblies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com