Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

625L5C Datasheet (PDF) - CTS Corporation

625L5C Datasheet PDF - CTS Corporation
Part # 625L5C
Download  625L5C Download
File Size   201.7 Kbytes
Page   3 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Model 625 HCMOS Clock Oscillator

625L5C Datasheet (PDF)

Go To PDF Page Download Datasheet
625L5C Datasheet PDF - CTS Corporation

Part # 625L5C
Download  625L5C Click to download

File Size   201.7 Kbytes
Page   3 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Model 625 HCMOS Clock Oscillator

625L5C Datasheet (HTML) - CTS Corporation


625L5C Product details

FEATURES
• Standard 2.5mm x 2.0mm 4-Pad Surface Mount Package
• HCMOS Output
• Fundamental and 3rd Overtone Crystal Designs
• Frequency Range 1 – 110 MHz
• Frequency Stability ±50 ppm Standard, ±25 ppm and ±20 ppm Available
• Operating Voltages +1.8Vdc, +2.5Vdc or +3.3Vdc
• Operating Temperature to -40°C to +85°C
• Output Enable Standard
• Tape & Reel Packaging Standard, EIA-418
• RoHS/Green Compliant [6/6]

APPLICATIONS
Model 625 is ideal for applications; such as broadband access, Ethernet/Gigabit Ethernet, microprocessors/DSP/FPGA,
networking equipment computers and peripherals, digital video, cameras and other portable devices.




Similar Part No. - 625L5C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
625L3I006M00000 TI-625L3I006M00000 Datasheet
3Mb / 16P
evaluation of the features of the TAS5548 PWM digital audio processor.
logo
Hittite Microwave Corpo...
625LP5E HITTITE-625LP5E Datasheet
494Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
More results


Similar Description - 625L5C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASA ABRACON-ASA Datasheet
302Kb / 1P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
logo
CTS Corporation
CB1V8 CTS-CB1V8 Datasheet
125Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
CB2V5 CTS-CB2V5 Datasheet
127Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
632 CTS-632 Datasheet
148Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
CB3LV CTS-CB3LV Datasheet
123Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
logo
Connor-Winfield Corpora...
FSLD52TE CONNOR-WINFIELD-FSLD52TE Datasheet
235Kb / 2P
SURFACE MOUNT 3.3V HCMOS CLOCK OSCILLATOR
FSLD54TE CONNOR-WINFIELD-FSLD54TE Datasheet
122Kb / 2P
SURFACE MOUNT 3.3V HCMOS CLOCK OSCILLATOR
MSD52A4 CONNOR-WINFIELD-MSD52A4 Datasheet
179Kb / 2P
3.3V SURFACE MOUNT HCMOS CLOCK OSCILLATOR
logo
CTS Corporation
CB3-3I-12M CTS-CB3-3I-12M Datasheet
216Kb / 3P
HCMOS/TTL Clock Oscillator
logo
QUARTZCOM the communica...
MCO-7050H QUARTZCOM-MCO-7050H Datasheet
89Kb / 1P
Thru-hole Clock Oscillator HCMOS / TTL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com