Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1234229 Datasheet (PDF) - PHOENIX CONTACT

1234229 Datasheet PDF - PHOENIX CONTACT
Part # 1234229
Download  1234229 Download
File Size   3425.93 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Inductive coupler - NEARFI P 2A R

1234229 Datasheet (PDF)

Go To PDF Page Download Datasheet
1234229 Datasheet PDF - PHOENIX CONTACT

Part # 1234229
Download  1234229 Click to download

File Size   3425.93 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Inductive coupler - NEARFI P 2A R

1234229 Datasheet (HTML) - PHOENIX CONTACT


1234229 Product details

NearFi, remote coupler for contactless power transmission in the centimeter range, 24 V DC,
2 A, M12 connection technology, IP65 type of protection. A base coupler is required for
operation.

Product Description
With the robust NEARFI-P… NearFi couplers, you can transmit power (24 V DC / 2 A) without contact across a distance in the centimeter range.
You can therefore replace wear-sensitive and maintenance-intensive connections and reduce downtimes in your systems.

Your advantages
• Contactless - and therefore no wear and no maintenance
• High power in a compact housing
• All-round visible diagnostics with light ring on the housing
• High degree of mounting freedom with flexible proximity options
• Plug and Play - as easy as a plug
• Degree of protection IP65




Similar Part No. - 1234229

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1234224 PHOENIX-1234224 Datasheet
4Mb / 34P
Inductive coupler - NEARFI PD 2A ETH B
Dec 6, 2022
1234225 PHOENIX-1234225 Datasheet
4Mb / 34P
Inductive coupler - NEARFI PD 2A ETH R
Dec 6, 2022
1234226 PHOENIX-1234226 Datasheet
3Mb / 24P
Inductive coupler - NEARFI P 2A B
Dec 6, 2022
1234227 PHOENIX-1234227 Datasheet
180Kb / 5P
E-WM (EX18)R - Marking foil
1234228 PHOENIX-1234228 Datasheet
182Kb / 5P
E-WM (EX18)R YE - Marking foil
More results


Similar Description - 1234229

ManufacturerPart #DatasheetDescription
logo
Powerbox
SM800 POWERBOX-SM800 Datasheet
372Kb / 4P
L A B O R AT O R Y P OWE R S U P P LY
SM3300 POWERBOX-SM3300 Datasheet
456Kb / 4P
L A B O R AT O R Y P OWE R S U P P LY
logo
SeCoS Halbleitertechnol...
2SA554 SECOS-2SA554 Datasheet
344Kb / 2P
-2A, -100V PP Epitaxial Planar Transistor
logo
PHOENIX CONTACT
2800909 PHOENIX-2800909 Datasheet
96Kb / 8P
Electronic device circuit breaker - CB E1 24DC/2A S-R P
18.01.2013
2905800 PHOENIX-2905800 Datasheet
432Kb / 5P
Electronic device circuit breaker - CB E1 24DC/2A SI-R P
10/29/2015
1234226 PHOENIX-1234226 Datasheet
3Mb / 24P
Inductive coupler - NEARFI P 2A B
Dec 6, 2022
1234232 PHOENIX-1234232 Datasheet
4Mb / 35P
Inductive coupler - NEARFI D ETH B
Dec 6, 2022
1234234 PHOENIX-1234234 Datasheet
4Mb / 37P
Inductive coupler - NEARFI D ETH R
Dec 6, 2022
1234224 PHOENIX-1234224 Datasheet
4Mb / 34P
Inductive coupler - NEARFI PD 2A ETH B
Dec 6, 2022
1234225 PHOENIX-1234225 Datasheet
4Mb / 34P
Inductive coupler - NEARFI PD 2A ETH R
Dec 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com