Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2701533 Datasheet (PDF) - PHOENIX CONTACT

2701533 Datasheet PDF - PHOENIX CONTACT
Part # 2701533
Download  2701533 Download
File Size   1257.69 Kbytes
Page   31 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL E ETH DI16 M12 6P

2701533 Datasheet (PDF)

Go To PDF Page Download Datasheet
2701533 Datasheet PDF - PHOENIX CONTACT

Part # 2701533
Download  2701533 Click to download

File Size   1257.69 Kbytes
Page   31 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL E ETH DI16 M12 6P

2701533 Datasheet (HTML) - PHOENIX CONTACT


2701533 Product details

Axioline E, Digital input device, Ethernet, M12 fast connection technology, Digital inputs: 16, 24
V DC, connection technology: 4-conductor, Plastic housing, degree of protection: IP65/IP67

Product Description
The Axioline E device is designed for use within an Ethernet network (Modbus/TCP). It is used to acquire digital signals.

Your advantages
• Connection to Ethernet network using M12 connectors (D-coded)
• Transmission speed of 10 Mbps and 100 Mbps
• Connection of digital sensors using M12connectors (A-coded)
• Diagnostic and status indicators
• Short-circuit and overload protection of the sensor supply
• IP65/IP67 degree of protection




Similar Part No. - 2701533

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701531 PHOENIX-2701531 Datasheet
118Kb / 6P
Distributed I/O device - AXL E EC IOL8 DI4 M12 6M
2701532 PHOENIX-2701532 Datasheet
1Mb / 31P
Digital module - AXL E ETH DI8 DO8 M12 6P
Dec 30, 2022
2701534 PHOENIX-2701534 Datasheet
1Mb / 31P
Digital module - AXL E ETH DIO16 M12 6P
2701535 PHOENIX-2701535 Datasheet
1Mb / 31P
Digital module - AXL E ETH DI8 DO4 2A M12 6P
2701536 PHOENIX-2701536 Datasheet
116Kb / 6P
Distributed I/O device - AXL E ETH IOL8 DI4 M12 6P
More results


Similar Description - 2701533

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701493 PHOENIX-2701493 Datasheet
327Kb / 26P
AXL E EIP DI16 M12 6P
8447 PHOENIX-8447 Datasheet
297Kb / 17P
AXL E PN DI16 M12 6P
8546 PHOENIX-8546 Datasheet
300Kb / 18P
AXL E ETH DI16 M12 6M
8551 PHOENIX-8551 Datasheet
299Kb / 18P
AXL E ETH DI16 M12 6P
2701510 PHOENIX-2701510 Datasheet
1Mb / 31P
Digital module - AXL E PN DI16 M12 6P
Dec 9, 2022
2701521 PHOENIX-2701521 Datasheet
1Mb / 31P
Digital module - AXL E EC DI16 M12 6P
Dec 9, 2022
2701532 PHOENIX-2701532 Datasheet
1Mb / 31P
Digital module - AXL E ETH DI8 DO8 M12 6P
Dec 30, 2022
2702660 PHOENIX-2702660 Datasheet
351Kb / 9P
Digital module - AXL E IOL DI16 M12 6P
Dec 8, 2022
2701534 PHOENIX-2701534 Datasheet
1Mb / 31P
Digital module - AXL E ETH DIO16 M12 6P
2701544 PHOENIX-2701544 Datasheet
1Mb / 31P
Digital module - AXL E S3 DI16 M12 6P
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com