Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273455 Datasheet (PDF) - PHOENIX CONTACT

3273455 Datasheet PDF - PHOENIX CONTACT
Part # 3273455
Download  3273455 Download
File Size   621.25 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X2,5-G PK

3273455 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273455 Datasheet PDF - PHOENIX CONTACT

Part # 3273455
Download  3273455 Click to download

File Size   621.25 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X2,5-G PK

3273455 Datasheet (HTML) - PHOENIX CONTACT


3273455 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Basic terminal block, nom. voltage: 450 V,
nominal current: 24 A, connection method: Push-in connection, cross section: 0.14 mm2 - 4
mm2, mounting type: adhesive, color: pink

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273450 PHOENIX-3273450 Datasheet
620Kb / 26P
Distribution block - PTFIX 18X2,5-G WH
Jul 20, 2022
3273452 PHOENIX-3273452 Datasheet
620Kb / 27P
Distribution block - PTFIX 18X2,5-G BK
Jun 13, 2022
3273454 PHOENIX-3273454 Datasheet
622Kb / 27P
Distribution block - PTFIX 18X2,5-G VT
Jul 20, 2022
3273456 PHOENIX-3273456 Datasheet
622Kb / 26P
Distribution block - PTFIX 18X2,5-G OG
Jul 20, 2022
3273458 PHOENIX-3273458 Datasheet
637Kb / 28P
Distribution block - PTFIX 18X2,5-FE-G
Jun 29, 2022
More results


Similar Description - 3273455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273127 PHOENIX-3273127 Datasheet
908Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35 PK
Jul 6, 2022
3273411 PHOENIX-3273411 Datasheet
892Kb / 37P
Distribution block - PTFIX 6X2,5-G PK
Jun 22, 2022
3274227 PHOENIX-3274227 Datasheet
914Kb / 38P
Distribution block - PTFIX 6/18X2,5-NS15A PK
Jul 29, 2022
3273061 PHOENIX-3273061 Datasheet
900Kb / 37P
Distribution block - PTFIX 18X2,5-NS35 PK
Sep 8, 2022
3273193 PHOENIX-3273193 Datasheet
902Kb / 37P
Distribution block - PTFIX 18X2,5-NS35A PK
Sep 8, 2022
3273521 PHOENIX-3273521 Datasheet
572Kb / 25P
Distribution block - PTFIX 6/18X2,5-G PK
Sep 8, 2022
3273259 PHOENIX-3273259 Datasheet
907Kb / 38P
Distribution block - PTFIX 6/18X2,5-NS35A PK
Jul 21, 2022
3273325 PHOENIX-3273325 Datasheet
642Kb / 27P
Distribution block - PTFIX 18X2,5 PK
Nov 30, 2022
3273391 PHOENIX-3273391 Datasheet
709Kb / 31P
Distribution block - PTFIX 6/18X2,5 PK
Sep 8, 2022
3274161 PHOENIX-3274161 Datasheet
759Kb / 30P
Distribution block - PTFIX 18X2,5-NS15A PK
Nov 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com