Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273538 Datasheet (PDF) - PHOENIX CONTACT

3273538 Datasheet PDF - PHOENIX CONTACT
Part # 3273538
Download  3273538 Download
File Size   472.56 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X4-NS35 WH

3273538 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273538 Datasheet PDF - PHOENIX CONTACT

Part # 3273538
Download  3273538 Click to download

File Size   472.56 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X4-NS35 WH

3273538 Datasheet (HTML) - PHOENIX CONTACT


3273538 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Block with vertical alignment, nom. voltage: 800
V, nominal current: 32 A, connection method: Push-in connection, cross section: 0.2 mm2 - 6 mm
2, mounting type: NS 35/7,5, NS 35/15, color: white

Your advantages
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Clear wiring, thanks to eleven different color variants
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273538

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273530 PHOENIX-3273530 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 RD
3273532 PHOENIX-3273532 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 YE
3273534 PHOENIX-3273534 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 GN
3273536 PHOENIX-3273536 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 BN
More results


Similar Description - 3273538

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273528 PHOENIX-3273528 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 BU
3273534 PHOENIX-3273534 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 GN
3273536 PHOENIX-3273536 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 BN
3273540 PHOENIX-3273540 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 BK
3273542 PHOENIX-3273542 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 VT
3273802 PHOENIX-3273802 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4 WH
3273526 PHOENIX-3273526 Datasheet
478Kb / 20P
Distribution block - PTFIX 6X4-NS35 GY
Jun 29, 2022
3273543 PHOENIX-3273543 Datasheet
478Kb / 20P
Distribution block - PTFIX 6X4-NS35 PK
Jun 23, 2022
3273546 PHOENIX-3273546 Datasheet
483Kb / 20P
Distribution block - PTFIX 6X4-NS35-FE
Jun 29, 2022
3273604 PHOENIX-3273604 Datasheet
497Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 WH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com