Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1285 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ADS1285 Datasheet PDF - Texas Instruments
Part # ADS1285
Download  ADS1285 Download
File Size   2695.28 Kbytes
Page   67 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADS1285 32-Bit, Delta-Sigma ADC for Seismic Applications

ADS1285 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1285 Datasheet PDF - Texas Instruments

Part # ADS1285
Download  ADS1285 Click to download

File Size   2695.28 Kbytes
Page   67 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADS1285 32-Bit, Delta-Sigma ADC for Seismic Applications

ADS1285 Datasheet (HTML) - Texas Instruments


ADS1285 Product details

1 Features
• Selectable resolution-power modes:
– Dynamic range: 134 dB at 2 ms, 11.5 mW
– Dynamic range: 129 dB at 2 ms, 4.8 mW
• Flexible digital filter:
– Selectable sinc + FIR + IIR
– Linear or minimum phase
– High-pass filter
• THD: < –120 dB
• CMRR: 125 dB
• Data rates: 125 SPS to 4000 SPS
• Programmable gains: 1 to 64
• PGA bypass option
• SYNC input
• Clock error compensation
• Two-channel multiplexer
• Offset and gain calibration
• General-purpose digital I/Os
• Analog supply operation: 5 V, 3.3 V, or ±2.5 V
• Reference voltage options: 5 V, 4.096 V, or 2.5 V

2 Applications
• Energy exploration
• Passive seismic monitoring
• Earth sciences and geology
• Precision instrumentation

3 Description
The ADS1285 is a 32-bit, low-power, analog-to-digital
converter (ADC), with a programmable gain amplifier
(PGA) and a finite impulse response (FIR) filter.
The ADC is designed for the demanding needs of
seismology equipment requiring low-noise precision
digitization and extended battery run time.
The low-noise PGA allows direct connection of
geophones and transformer-coupled hydrophones
without the need of an external amplifier.
The ADC incorporates a high-resolution, delta-sigma
(ΔΣ) modulator and a FIR filter with programmable
phase response. The high-pass filter removes dc
and low-frequency content from the signal. Clock
frequency error is compensated by the sample rate
converter with 7-ppb resolution.
Choice of power modes optimize dynamic range
verses power consumption. Power consumption is
further reduced by PGA bypass operation.
The ADC is available in a compact 5-mm × 5-mm
VQFN package and is fully specified over the –40°C
to +85°C ambient temperature range.




Similar Part No. - ADS1285

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1285 TI-ADS1285 Datasheet
740Kb / 7P
ADS1285 High-Resolution, Delta-Sigma ADC for Seismic Applications
MAY 2022
More results


Similar Description - ADS1285

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
20-bit Sigma-Delta ADC
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
24-bit Sigma-Delta ADC
CS1238 CHIPSEA-CS1238 Datasheet
703Kb / 20P
24-bit Sigma-Delta ADC
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
24-bit Sigma-Delta ADC
CS1243 CHIPSEA-CS1243 Datasheet
713Kb / 30P
24-bit Sigma-Delta ADC
logo
Texas Instruments
ADS1285 TI-ADS1285 Datasheet
740Kb / 7P
ADS1285 High-Resolution, Delta-Sigma ADC for Seismic Applications
MAY 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com