Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC82001 Datasheet (PDF) - Texas Instruments

DAC82001 Datasheet PDF - Texas Instruments
Part # DAC82001_V01
Download  DAC82001 Download
File Size   2042.49 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC

DAC82001 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC82001 Datasheet PDF - Texas Instruments

Part # DAC82001_V01
Download  DAC82001 Click to download

File Size   2042.49 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC

DAC82001 Datasheet (HTML) - Texas Instruments


DAC82001 Product details

1 Features
• 16-bit performance: 1-LSB DNL and 2-LSB INL
• Low glitch energy: 0.5 nV-s
• Fast settling: 1 μs
• Wide power supply: 2.7 V to 5.5 V
• Wide reference range: 2.0 V to VDD
• Low power: 250 μA at 5.0 V
• 3-wire serial peripheral interface (SPI) up to
50‑MHz
• Reset to zero scale or midscale
• 1.62-V VIH with VDD = 5.5 V
• Temperature range: –40°C to +85°C
• Package: Tiny 10-pin WSON

2 Applications
• Oscilloscope (DSO)
• Battery test
• Semiconductor test
• Ultrasound scanner
• DC power supply, ac source, electronic load

3 Description
The 16-bit DAC82001 is a highly accurate, low-power,
single-channel digital-to-analog converter (DAC) with
an unbuffered voltage output.
The DAC82001 works with 3.3-V and 5-V supplies
and offers linearity of 1‑LSB DNL and 2‑LSB INL.
The high accuracy combined with a tiny package
make the device an excellent choice for applications
such as gain and offset calibration, voltage set point
generation, and power-supply control. The DAC82001
incorporates a power-on-reset (POR) circuit. The
POR circuit makes sure that the DAC output powers
up at zero scale or midscale based on the status of
RSTSEL pin, and remains at that scale until a valid
code is written to the device. All internal registers are
asynchronously reset after the RESET pin is pulled
low.
The DAC82001 uses a versatile, three-wire serial
peripheral interface (SPI) that operates at clock rates
of up to 50 MHz.




Similar Part No. - DAC82001_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC82001 TI-DAC82001 Datasheet
1Mb / 21P
DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
SEPTEMBER 2022
More results


Similar Description - DAC82001_V01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8551IADGKRG4 TI1-DAC8551IADGKRG4 Datasheet
1,009Kb / 26P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
DAC8565ICPWG4 TI1-DAC8565ICPWG4 Datasheet
1Mb / 49P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC8564 TI1-DAC8564_16 Datasheet
1Mb / 51P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
logo
Analog Devices
AD5541A AD-AD5541A_18 Datasheet
435Kb / 20P
Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
4/2018-Rev. A to Rev. B
logo
Texas Instruments
DAC82002 TI-DAC82002 Datasheet
1Mb / 22P
DAC82002 16-Bit, Low-Glitch-Energy, Dual-Channel Voltage-Output, Unbuffered DAC
AUGUST 2022
DAC82001 TI-DAC82001 Datasheet
1Mb / 21P
DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
SEPTEMBER 2022
DAC82002 TI-DAC82002_V01 Datasheet
2Mb / 32P
DAC82002 16-Bit, Low-Glitch, Dual-Channel Voltage-Output, Unbuffered DAC
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com