Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA659 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA659 Datasheet PDF - Texas Instruments
Part # OPA659
Download  OPA659 Download
File Size   2353.93 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier

OPA659 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA659 Datasheet PDF - Texas Instruments

Part # OPA659
Download  OPA659 Click to download

File Size   2353.93 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier

OPA659 Datasheet (HTML) - Texas Instruments


OPA659 Product details

1 Features
• Wide bandwidth:
– Gain-bandwidth product: 400 MHz
– Bandwidth (G = 1 V/V): 800 MHz
– Large-signal bandwidth (2 VPP): 250 MHz
– Slew rate: 1000 V/μs
• High precision:
– Input offset voltage: 250 μV (maximum)
– Input offset voltage drift: 3.5 μV/°C (maximum)
• Input voltage noise: 4.5 nV/√Hz
• Input bias current: 2 pA
• Low distortion (RL = 100 Ω, VO = 2 VPP):
– HD2, HD3 at 10 MHz: –86 dBc, –100 dBc
• Supply range: 6 V to 12.6 V
• Supply current: 23.5 mA
• Shutdown current: 55 μA
• Performance upgrade to OPA656

2 Applications
• High-speed data acquisition (DAQ)
• Active probes
• Oscilloscopes
• Wideband transimpedance amplifiers (TIAs)
• Wafer scanning equipment
• Optical communication modules
• Optical time-domain reflectometry (OTDR)
• Test and measurement front-ends
• Medical and chemical analyzers

3 Description
The OPA817 is a unity-gain stable, voltage-feedback
operational amplifier for high-speed, high-precision
and wide dynamic range applications.
The OPA817 has a low-noise junction gate fieldeffect
transistor (JFET) input stage that features a
wide gain-bandwidth of 400-MHz and a supply range
from 6-V to 12.6-V. The fast slew rate of 1000-
V/μs allows a wide large-signal bandwidth and low
distortion when used as high impedance buffer in
high-speed digitizers, active probes and other test and
measurement applications.
The OPA817 offers extremely low input offset voltage
of ±250-μV and offset voltage drift of ±3.5-μV/°C. The
combination of pico-amperes of input bias current
and low input voltage noise (4.5-nV/√Hz) makes the
OPA817 an ideal wideband transimpedance amplifier
in optical test and communication equipment as well
as medical and scientific instrumentation.
The OPA817 is available in an 8-lead WSON package
with an exposed thermal pad for heat dissipation.
This device is specified to operate over the industrial
temperature range of –40°C to +105°C.




Similar Part No. - OPA659

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA659 TI-OPA659 Datasheet
930Kb / 25P
Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA659 NSC-OPA659 Datasheet
1Mb / 32P
Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659 TI1-OPA659 Datasheet
1Mb / 35P
JFET-Input Operational Amplifier
OPA659 TI-OPA659 Datasheet
1Mb / 25P
OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
JULY 2022
OPA659 TI2-OPA659 Datasheet
1Mb / 37P
OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
REVISED MARCH 2020
More results


Similar Description - OPA659

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
1Mb / 33P
Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA817 TI-OPA817 Datasheet
1Mb / 25P
OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
JULY 2022
OPA814 TI-OPA814 Datasheet
1Mb / 29P
OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
APRIL 2023
OPA814 TI1-OPA814_V01 Datasheet
1Mb / 34P
OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com