Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG178 Datasheet (PDF) - Harwin Plc

RG178 Datasheet PDF - Harwin Plc
Part # RG178
Download  RG178 Download
File Size   442.13 Kbytes
Page   14 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description Component Specification M80 & M83 Series Rectangular Connectors

RG178 Datasheet (PDF)

Go To PDF Page Download Datasheet
RG178 Datasheet PDF - Harwin Plc

Part # RG178
Download  RG178 Click to download

File Size   442.13 Kbytes
Page   14 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description Component Specification M80 & M83 Series Rectangular Connectors

RG178 Datasheet (HTML) - Harwin Plc


RG178 Product details

A range of 2mm pitch male and female rectangular, fully shrouded unsealed connectors with replaceable contacts for interconnecting board to board, cable to board and cable to cable. The range covers 2 to 96 ways, in various application methods. Female connectors are available for crimp, vertical throughboard and surface mount termination. Male connectors are available for crimp, vertical or horizontal (90°) throughboard and surface-mount termination. Pre-cabled contacts and cable assemblies are also available in various options.
The connectors are provided with a range of contact terminations (as shown in Appendix 1) that are gold or tin plated. The contact zone of a gold plated contact is hard acid gold of 98% purity.
The connector is intended for use as a low voltage connector in high packing density electronic equipment. The connector is polarised to prevent mis-matching and can be produced with a latching feature (L-Tek) or in a jackscrew (J-Tek) format, with or without board mounting.
L-Tek and J-Tek connectors are available with low-frequency (LF) contacts, while mixed technology (Mix-Tek) connectors are also available with jackscrews, with a choice of power or coax contacts.
NOTE: Some connector styles are available manufactured and tested to BS9525 F0033. All other connectors in the range are designed to the same specification. For cable assembly specifications see Component Specification C049XX (where XX is latest issue).




Similar Part No. - RG178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RG178 ETC1-RG178 Datasheet
34Kb / 1P
Cable, Coax, RG178,100 M
logo
Qualwave Inc. All right...
RG178 QUALWAVE-RG178 Datasheet
119Kb / 1P
Flexible RF Cables & Assemblies
Rev 1.1
logo
Multicomp Pro
RG178 MULTICOMP-RG178 Datasheet
145Kb / 1P
Coaxial Cable
17/01/22 V1.0
logo
ITT Industries
RG178/U ITT-RG178/U Datasheet
452Kb / 39P
RF Coaxial Connectors
logo
Pasternack Enterprises,...
RG178B-U PASTERNACK-RG178B-U Datasheet
360Kb / 3P
Flexible RG178 Coax Cable Single Shielded with Tan FEP Jacket
More results


Similar Description - RG178

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
P-1320-CT HIROSE-P-1320-CT Datasheet
747Kb / 15P
1300 SERIES RECTANGULAR CONNECTORS
logo
Microsemi Corporation
SGE2658-1 MICROSEMI-SGE2658-1 Datasheet
176Kb / 1P
Magnetic Component Specification
logo
Mitsumi Electronics, Co...
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
Rectangular Connectors
logo
Lite-On Technology Corp...
FCN-363J-AUS LITEON-FCN-363J-AUS Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS FCN360 Series
logo
fujitsu semiconductor
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
RECTANGULAR CONNECTORS
FCN-360C024-B FUJITSU-FCN-360C024-B Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-F30 MITSUMI-IAM-F30 Datasheet
377Kb / 5P
Rectangular Connectors
logo
M-System Co.,Ltd.
M80DM MSYSTEM-M80DM Datasheet
83Kb / 2P
Super-mini Signal Conditioners M80 Series
M80DY MSYSTEM-M80DY Datasheet
101Kb / 2P
Super-mini Signal Conditioners M80 Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com