Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG174 Datasheet (PDF) - Harwin Plc

RG174 Datasheet PDF - Harwin Plc
Part # RG174
Download  RG174 Download
File Size   442.13 Kbytes
Page   14 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description Component Specification M80 & M83 Series Rectangular Connectors

RG174 Datasheet (PDF)

Go To PDF Page Download Datasheet
RG174 Datasheet PDF - Harwin Plc

Part # RG174
Download  RG174 Click to download

File Size   442.13 Kbytes
Page   14 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description Component Specification M80 & M83 Series Rectangular Connectors

RG174 Datasheet (HTML) - Harwin Plc


RG174 Product details

A range of 2mm pitch male and female rectangular, fully shrouded unsealed connectors with replaceable contacts for interconnecting board to board, cable to board and cable to cable. The range covers 2 to 96 ways, in various application methods. Female connectors are available for crimp, vertical throughboard and surface mount termination. Male connectors are available for crimp, vertical or horizontal (90°) throughboard and surface-mount termination. Pre-cabled contacts and cable assemblies are also available in various options.
The connectors are provided with a range of contact terminations (as shown in Appendix 1) that are gold or tin plated. The contact zone of a gold plated contact is hard acid gold of 98% purity.
The connector is intended for use as a low voltage connector in high packing density electronic equipment. The connector is polarised to prevent mis-matching and can be produced with a latching feature (L-Tek) or in a jackscrew (J-Tek) format, with or without board mounting.
L-Tek and J-Tek connectors are available with low-frequency (LF) contacts, while mixed technology (Mix-Tek) connectors are also available with jackscrews, with a choice of power or coax contacts.
NOTE: Some connector styles are available manufactured and tested to BS9525 F0033. All other connectors in the range are designed to the same specification. For cable assembly specifications see Component Specification C049XX (where XX is latest issue).




Similar Part No. - RG174

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
RG174 CRYSTEKCRYSTAL-RG174 Datasheet
1Mb / 2P
RG174 50 Ohm Coaxial Cables
logo
Qualwave Inc. All right...
RG174 QUALWAVE-RG174 Datasheet
121Kb / 1P
Flexible RF Cables & Assemblies
Rev 1.2
logo
Pro-Power
RG174 PROPOWER-RG174 Datasheet
151Kb / 1P
50Ω Coaxial Cable
V1.0 04/06/13
logo
Siretta Limited.
RG174 SIRETTA-RG174 Datasheet
855Kb / 5P
About RF Connectors and Adaptors
logo
Infinite Electronics In...
RG174-BULK FAIRVIEW-RG174-BULK Datasheet
458Kb / 3P
RG174 Flexible Coax Cable Black PVC Jacket
REV 1.1A
More results


Similar Description - RG174

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
P-1320-CT HIROSE-P-1320-CT Datasheet
747Kb / 15P
1300 SERIES RECTANGULAR CONNECTORS
logo
Microsemi Corporation
SGE2658-1 MICROSEMI-SGE2658-1 Datasheet
176Kb / 1P
Magnetic Component Specification
logo
Mitsumi Electronics, Co...
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
Rectangular Connectors
logo
Lite-On Technology Corp...
FCN-363J-AUS LITEON-FCN-363J-AUS Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS FCN360 Series
logo
fujitsu semiconductor
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
RECTANGULAR CONNECTORS
FCN-360C024-B FUJITSU-FCN-360C024-B Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-F30 MITSUMI-IAM-F30 Datasheet
377Kb / 5P
Rectangular Connectors
logo
M-System Co.,Ltd.
M80DM MSYSTEM-M80DM Datasheet
83Kb / 2P
Super-mini Signal Conditioners M80 Series
M80DY MSYSTEM-M80DY Datasheet
101Kb / 2P
Super-mini Signal Conditioners M80 Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com