Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273303 Datasheet (PDF) - PHOENIX CONTACT

3273303 Datasheet PDF - PHOENIX CONTACT
Part # 3273303
Download  3273303 Download
File Size   702.0 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X2,5 PK

3273303 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273303 Datasheet PDF - PHOENIX CONTACT

Part # 3273303
Download  3273303 Click to download

File Size   702.0 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X2,5 PK

3273303 Datasheet (HTML) - PHOENIX CONTACT


3273303 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Basic terminal block, nom. voltage: 450 V,
nominal current: 24 A, connection method: Push-in connection, cross section: 0.14 mm2 - 4
mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Freehanging,
color: pink

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273303

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273300 PHOENIX-3273300 Datasheet
704Kb / 31P
Distribution block - PTFIX 12X2,5 BK
Jun 2, 2022
3273302 PHOENIX-3273302 Datasheet
706Kb / 31P
Distribution block - PTFIX 12X2,5 VT
Jun 15, 2022
3273304 PHOENIX-3273304 Datasheet
708Kb / 31P
Distribution block - PTFIX 12X2,5 OG
Jun 13, 2022
3273306 PHOENIX-3273306 Datasheet
719Kb / 30P
Distribution block - PTFIX 12X2,5-FE
Jul 21, 2022
3273308 PHOENIX-3273308 Datasheet
712Kb / 32P
Distribution block - PTFIX 18X2,5 GY
Jun 7, 2022
More results


Similar Description - 3273303

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1045941 PHOENIX-1045941 Datasheet
464Kb / 21P
Distribution block - PTFIX 2X1,5 PK
Jun 22, 2022
3274205 PHOENIX-3274205 Datasheet
912Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS15A PK
Jul 29, 2022
3273039 PHOENIX-3273039 Datasheet
843Kb / 34P
Distribution block - PTFIX 12X2,5-NS35 PK
Sep 8, 2022
3273105 PHOENIX-3273105 Datasheet
902Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS35 PK
Sep 8, 2022
3273171 PHOENIX-3273171 Datasheet
897Kb / 36P
Distribution block - PTFIX 12X2,5-NS35A PK
Sep 8, 2022
3273433 PHOENIX-3273433 Datasheet
618Kb / 27P
Distribution block - PTFIX 12X2,5-G PK
Sep 8, 2022
3273499 PHOENIX-3273499 Datasheet
560Kb / 25P
Distribution block - PTFIX 6/12X2,5-G PK
Nov 30, 2022
3273237 PHOENIX-3273237 Datasheet
845Kb / 35P
Distribution block - PTFIX 6/12X2,5-NS35A PK
Nov 30, 2022
3273369 PHOENIX-3273369 Datasheet
706Kb / 31P
Distribution block - PTFIX 6/12X2,5 PK
Sep 8, 2022
3274139 PHOENIX-3274139 Datasheet
619Kb / 28P
Distribution block - PTFIX 12X2,5-NS15A PK
Jul 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com