Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2 Datasheet (PDF) - Altera Corporation

MAX2 Datasheet PDF - Altera Corporation
Part # MAX2
Download  MAX2 Download
File Size   2641.18 Kbytes
Page   297 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description MAX II Device Handbook

MAX2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2 Datasheet PDF - Altera Corporation

Part # MAX2
Download  MAX2 Click to download

File Size   2641.18 Kbytes
Page   297 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description MAX II Device Handbook

MAX2 Datasheet (HTML) - Altera Corporation


MAX2 Product details

Features
The MAX II CPLD has the following features:
■ Low-cost, low-power CPLD
■ Instant-on, non-volatile architecture
■ Standby current as low as 25 μA
■ Provides fast propagation delay and clock-to-output times
■ Provides four global clocks with two clocks available per logic array block (LAB)
■ UFM block up to 8 Kbits for non-volatile storage
■ MultiVolt core enabling external supply voltages to the device of either
3.3 V/2.5 V or 1.8 V
■ MultiVolt I/O interface supporting 3.3-V, 2.5-V, 1.8-V, and 1.5-V logic levels
■ Bus-friendly architecture including programmable slew rate, drive strength,
bus-hold, and programmable pull-up resistors
■ Schmitt triggers enabling noise tolerant inputs (programmable per pin)
■ I/Os are fully compliant with the Peripheral Component Interconnect Special
Interest Group (PCI SIG) PCI Local Bus Specification, Revision 2.2 for 3.3-V
operation at 66 MHz
■ Supports hot-socketing
■ Built-in Joint Test Action Group (JTAG) boundary-scan test (BST) circuitry
compliant with IEEE Std. 1149.1-1990
■ ISP circuitry compliant with IEEE Std. 1532




Similar Part No. - MAX2

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MAX20-10.0C MDE-MAX20-10.0C Datasheet
236Kb / 4P
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE
MAX20-10.0CA MDE-MAX20-10.0CA Datasheet
236Kb / 4P
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE
MAX20-10.0CA MDE-MAX20-10.0CA Datasheet
71Kb / 3P
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 5.0 to 22 Volts
MAX20-10.0CA MDE-MAX20-10.0CA Datasheet
88Kb / 3P
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 5.0 to 22 Volts
MAX20-10.0CA MDE-MAX20-10.0CA Datasheet
71Kb / 3P
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 5.0 to 22 Volts
More results


Similar Description - MAX2

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
Cyclone II Device Handbook, Volume 1
EP2C8F256C8 ALTERA-EP2C8F256C8 Datasheet
5Mb / 470P
Cyclone II Device Handbook, Volume 1
EP2C8T144I8N ALTERA-EP2C8T144I8N Datasheet
5Mb / 470P
Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
Cyclone II Device Handbook, Volume 1
5M80ZE64I5N ALTERA-5M80ZE64I5N Datasheet
3Mb / 166P
MAX V Device Handbook
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
Arria II Device Handbook
EP2S90F1020C5 ALTERA-EP2S90F1020C5 Datasheet
5Mb / 768P
Stratix II Device Handbook, Volume 1
EP2S30F672C5 ALTERA-EP2S30F672C5 Datasheet
5Mb / 768P
Stratix II Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
Stratix II Device Handbook, Volume 1
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
Arria II Device Handbook
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com