Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1ST040EH2F50E1VLS1 Datasheet (PDF) - Intel Corporation

1ST040EH2F50E1VLS1 Datasheet PDF - Intel Corporation
Part # 1ST040EH2F50E1VLS1
Download  1ST040EH2F50E1VLS1 Download
File Size   341.12 Kbytes
Page   39 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Intel® Stratix® 10 TX Device Overview

1ST040EH2F50E1VLS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1ST040EH2F50E1VLS1 Datasheet PDF - Intel Corporation

Part # 1ST040EH2F50E1VLS1
Download  1ST040EH2F50E1VLS1 Click to download

File Size   341.12 Kbytes
Page   39 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Intel® Stratix® 10 TX Device Overview

1ST040EH2F50E1VLS1 Datasheet (HTML) - Intel Corporation


1ST040EH2F50E1VLS1 Product details

Intel® Stratix® 10 TX FPGAs feature power-efficient, dual-mode transceivers, capable
of both 57.8 Gbps PAM4 (Pulse Amplitude Modulation) and 28.9 Gbps NRZ (Non
Return to Zero) operation. Supported by hardened PCI Express Gen 3 and 10/25/100
Gbps Ethernet MAC IP blocks, these devices can deliver over 8 Tbps of aggregate
bandwidth, meeting the demanding transceiver bandwidth and power budget
specifications of next generation designs.
In addition to the 57.8 Gbps PAM4 / 28.9 Gbps NRZ dual-mode transceivers, Intel
Stratix 10 TX devices feature several other breakthrough innovations. These include
all new HyperFlex® core architecture, hardened floating point DSP blocks, hardened
external memory controllers and advanced packaging technology based on Intel's
Embedded Multi-die Interconnect Bridge (EMIB).
With an embedded quad-core 64-bit Arm* Cortex*-A53 hard processor system (HPS)
available in select devices, Intel Stratix 10 TX FPGAs deliver power efficient,
application-class processing, and allow designers to extend hardware virtualization
into the FPGA fabric.
Intel Stratix 10 TX FPGAs integrate a monolithic 14 nm FPGA fabric die with multiple
high-speed transceiver tiles, all inside a single flip-chip BGA package. This
implementation, combined with the unmatched transceiver bandwidth and core fabric
performance, demonstrates Intel's commitment to deliver high-performance
programmable solutions to your most challenging system design problems.
Important innovations in Intel Stratix 10 TX devices include:
• All new Intel Hyperflex™ core architecture delivering 2X the core performance
compared to previous generation high-performance FPGAs
• Intel 14 nm tri-gate (FinFET) technology
• Heterogeneous 3D System-in-Package (SiP) technology
• Monolithic core fabric with up to 2.8 million logic elements (LEs)
• Up to 144 full duplex transceiver channels on heterogeneous 3D SiP transceiver tiles
• Transceiver data rates up to 57.8 Gbps PAM4 and 28.9 Gbps NRZ for chip-to-chip,
chip-to-module, and backplane applications
• Embedded eSRAM (47.25 Mbit) in select devices, and M20K (20 Kb) internal SRAM
memory blocks
• Fractional synthesis and ultra-low jitter LC tank based transmit phase locked loops
(PLLs)
• Hard PCI Express® Gen3 x16 intellectual property (IP) blocks
• Hard 10/25/100 Gbps Ethernet MAC with dedicated Reed-Solomon FEC for NRZ
signals (528, 514) and PAM4 signals (544, 514)




Similar Part No. - 1ST040EH2F50E1VLS1

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1ST112WS SEMTECH_ELEC-1ST112WS Datasheet
305Kb / 3P
SILICON EPITAXIAL PLANAR SWITCHING DIODES
More results


Similar Description - 1ST040EH2F50E1VLS1

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3SL70F780C3N ALTERA-EP3SL70F780C3N Datasheet
201Kb / 16P
Stratix III Device Family Overview
5SGXMA3H2F35C2N ALTERA-5SGXMA3H2F35C2N Datasheet
420Kb / 21P
Stratix V Device Overview
logo
Microchip Technology
MPFS250T-1FCG1152E MICROCHIP-MPFS250T-1FCG1152E Datasheet
771Kb / 50P
PolarFire® SoC Product Overview
C 07/2021
logo
Intel Corporation
10M50DCF256I7G INTEL-10M50DCF256I7G Datasheet
737Kb / 72P
Intel® MAX® 10 FPGA Device Datasheet
2020.06.30
C10GX51002 INTEL-C10GX51002 Datasheet
666Kb / 62P
Intel® Cyclone® 10 GX Device Datasheet
2022.02.14
M10 INTEL-M10 Datasheet
240Kb / 14P
Intel® MAX® 10 FPGA Device Overview
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
ESM-APLM BCM-ESM-APLM Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
logo
AAEON Technology
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
logo
Intel Corporation
DH61WW INTEL-DH61WW Datasheet
2Mb / 86P
Intel® Desktop Board
July 2013 Rev. -006
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com