Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSPHS-446 Datasheet (PDF) - Mini-Circuits

JSPHS-446 Datasheet PDF - Mini-Circuits
Part # JSPHS-446
Download  JSPHS-446 Download
File Size   185.79 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Narrow Band Phase Shifter 50ohm 180 Voltage Variable 366 to 446 MHz

JSPHS-446 Datasheet (PDF)

Go To PDF Page Download Datasheet
JSPHS-446 Datasheet PDF - Mini-Circuits

Part # JSPHS-446
Download  JSPHS-446 Click to download

File Size   185.79 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Narrow Band Phase Shifter 50ohm 180 Voltage Variable 366 to 446 MHz

JSPHS-446 Datasheet (HTML) - Mini-Circuits


JSPHS-446 Product details

Features
• good VSWR, 1.3:1 typ.
• low insertion loss, 1.4 dB typ.
• solder-plated J-leads for excellent solderability and strain relief
• aqueous washable

Applications
• signal processing




Similar Part No. - JSPHS-446

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JSPHS-42 MINI-JSPHS-42 Datasheet
302Kb / 1P
Phase Shifter
JSPHS-42+ MINI-JSPHS-42+ Datasheet
302Kb / 1P
Phase Shifter
More results


Similar Description - JSPHS-446

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHP2085 UMS-CHP2085 Datasheet
89Kb / 6P
S-band Phase Shifter / Switch
logo
Mini-Circuits
JSPHS-26 MINI-JSPHS-26 Datasheet
271Kb / 1P
50Ohm 180째 Voltage Variable 18 to 26 MHz
JSPHS-150 MINI-JSPHS-150 Datasheet
185Kb / 1P
Narrow Band Phase Shifter 50ohm 180 Voltage Variable 100 to 150 MHz
logo
Skyworks Solutions Inc.
PS214-315 SKYWORKS-PS214-315_06 Datasheet
445Kb / 5P
Voltage Controlled Phase Shifter 1700-2800 MHz
PS094-315 SKYWORKS-PS094-315 Datasheet
381Kb / 4P
Voltage Controlled Phase Shifter 700-1200 MHz
logo
United Monolithic Semic...
CHP6013-SRF UMS-CHP6013-SRF Datasheet
920Kb / 5P
L-band Phase Shifter
logo
American Accurate Compo...
VAP053 AAC-VAP053 Datasheet
132Kb / 1P
SMD Voltage Variable Attenuator and Phase Shifter
logo
Hittite Microwave Corpo...
HMC935LP5E HITTITE-HMC935LP5E Datasheet
960Kb / 6P
180 Analog Phase Shifter, 2 - 20 GHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1291A TAI-SAW-TA1291A Datasheet
377Kb / 6P
SAW Filter 446 MHz
logo
United Monolithic Semic...
CHP6013-SRF UMS-CHP6013-SRF_15 Datasheet
265Kb / 4P
L-band Phase Shifter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com