Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2014 Datasheet (PDF) - Anachip Corp

AP2014 Datasheet PDF - Anachip Corp
Part # AP2014
Download  AP2014 Download
File Size   233.95 Kbytes
Page   12 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Synchronous PWM Controller

AP2014 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2014 Datasheet PDF - Anachip Corp

Part # AP2014
Download  AP2014 Click to download

File Size   233.95 Kbytes
Page   12 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Synchronous PWM Controller

AP2014 Datasheet (HTML) - Anachip Corp


AP2014 Product details

General Description
The AP2014 controller IC is designed to provide a low cost synchronous Buck regulator for on-board DC to DC converter applications. With the migration of today’s ASIC products requiring low supply voltages such as 1.8V and lower, together with currents in excess of 3A, traditional linear regulators are simply too lossy to be used when input supply is 5V or even in some cases with 3.3V input supply. The AP2014 together with dual N-channel MOSFETs such as AF9410, provide a low cost solution for such applications. This device features an internal 200KHz oscillator (400KHz for "A" version), under-voltage lockout for both Vcc and Vc supplies, an external programmable soft-start function as well as output under-voltage detection that latches off the device when an output short is detected.

Features
- Synchronous Controller in 8-Pin Package
- Operating with single 5V or 12V supply voltage
- Internal 200KHz Oscillator (400KHz for AP2014A)
- Soft-Start Function
- Fixed Frequency Voltage Mode
- 500mA Peak Output Drive Capability
- Protects the output when control FET is shorted
- SOP-8L/PDIP-8L Pb-Free package

Applications
- Graphic Card
- Hard Disk Drive
- DDR memory source sink Vtt application
- Low cost on-board DC to DC such as 5V to 3.3V, 2.5V or 1.8V




Similar Part No. - AP2014

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014 Datasheet
405Kb / 13P
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
AP2014 DIODES-AP2014 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
AP2014ASG-13 DIODES-AP2014ASG-13 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
AP2014ASL-13 DIODES-AP2014ASL-13 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
AP2014ASM DIODES-AP2014ASM Datasheet
405Kb / 13P
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
More results


Similar Description - AP2014

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
Synchronous PWM Controller
Rev. 0.1 Feb.10, 2004
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
Synchronous PWM Controller
Rev. 0.2 Apr 14, 2004
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
Synchronous PWM Controller
Rev. 1.0 Apr 1, 2005
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
Synchronous PWM Controller
November, 2009 ??Rev. P1
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
Synchronous PWM Controller
May, 2010 ??Rev. 0
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
Synchronous PWM Controller
June, 2011 ??Rev. 3
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
Synchronous PWM Controller
April, 2011 ??Rev. 1
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
Synchronous PWM Controller
September, 2015 ??Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com