Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0540WS Datasheet (PDF) - Diodes Incorporated

B0540WS Datasheet PDF - Diodes Incorporated
Part # B0540WS
Download  B0540WS Download
File Size   89.01 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

B0540WS Datasheet (PDF)

Go To PDF Page Download Datasheet
B0540WS Datasheet PDF - Diodes Incorporated

Part # B0540WS
Download  B0540WS Click to download

File Size   89.01 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

B0540WS Datasheet (HTML) - Diodes Incorporated


B0540WS Product details

Features

Low Forward Voltage Drop

Guard Ring Construction for Transient Protection

High Conductance

Lead Free By Design/RoHS Compliant

"Green" Device



Mechanical Data

Case: SOD-323

Case Material: Molded Plastic. UL Flammability Rating Classification 94V-0

Moisture sensitivity: Level 1 per J-STD-020C

Polarity: Cathode Band

Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe. Solderable per MIL-STD-202, Method 208

Marking: Type Code and Cathode Band

Type Code: SF

Weight: 0.004 grams (approx.)




Similar Part No. - B0540WS

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B0540WS WEITRON-B0540WS Datasheet
209Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
B0540WS DIODES-B0540WS Datasheet
115Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30524 Rev. 8 - 2
logo
Weitron Technology
B0540WS WEITRON-B0540WS Datasheet
1Mb / 3P
Surface Mount Schottky Barrier Diode
logo
Shenzhen Jin Yu Semicon...
B0540WS HTSEMI-B0540WS Datasheet
436Kb / 2P
SCHOTTKY BARRIER DIODE
logo
Shenzhen Luguang Electr...
B0540WS LUGUANG-B0540WS Datasheet
450Kb / 2P
Schottky Barrier Diode
More results


Similar Description - B0540WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com