Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP943 Datasheet (PDF) - PerkinElmer Optoelectronics

MP943 Datasheet PDF - PerkinElmer Optoelectronics
Part # MP943
Download  MP943 Download
File Size   53.04 Kbytes
Page   3 Pages
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics
Description Ultra High Sensitivity Gateable Photon Counting Module

MP943 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP943 Datasheet PDF - PerkinElmer Optoelectronics

Part # MP943
Download  MP943 Click to download

File Size   53.04 Kbytes
Page   3 Pages
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics
Description Ultra High Sensitivity Gateable Photon Counting Module

MP943 Datasheet (HTML) - PerkinElmer Optoelectronics


MP943 Product details

Description
The Photon Counting Head MP 900 series is designed for applications in all fields of single photon detection, e.g. chemoluminescence, bioluminescence, in-vitro assay, environmental measurements or pure research. It is an easy to use module, containing the Channel Photomultiplier, a high voltage power supply, a discrimination amplifier and a pulse shaper for fast output pulses. An installed active quenching systems avoids over-illumination to the detector. It is also possible to apply an external gate function for time correlated photon counting. Strong variations in light levels are possible due to the high dynamic range of the installed CPM. The exceptional low noise and high sensitivity facilitates detection of extremely low light levels.

Features
• Very low noise, typical 10 cps,
• High dynamic range up to 6 orders of magnitude
• High reliability
• No cooling requirement
• Very high stability in noise level, no sudden "bursts"
• High stability over time
• Rugged and compact design
• Gateable CPM input for time resolved measurements
• Active quenching circuit for high light protection
• Extremely fast high light recovery times
• 5 volts supply voltage




Similar Part No. - MP943

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9403 MPS-MP9403 Datasheet
344Kb / 13P
3A, 7V, 250kHz Integrated Synchronous Step-Down Converter
MP9403EN MPS-MP9403EN Datasheet
344Kb / 13P
3A, 7V, 250kHz Integrated Synchronous Step-Down Converter
MP9442 MPS-MP9442 Datasheet
594Kb / 20P
High Efficiency 2A, 36V, 600kHz Synchronous Step-Down Converter with Power Good
MP9442GJ MPS-MP9442GJ Datasheet
594Kb / 20P
High Efficiency 2A, 36V, 600kHz Synchronous Step-Down Converter with Power Good
MP9442GJ MPS-MP9442GJ Datasheet
378Kb / 8P
High Efficiency 2A, 36V, 600kHz Sync. Step-Down Switch Evaluation Board With Power Good
More results


Similar Description - MP943

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
MD900 PERKINELMER-MD900 Datasheet
357Kb / 5P
Ultra High Sensitivity Gateable Channel Photomultiplier DC-Modules
MP96X-2 PERKINELMER-MP96X-2 Datasheet
211Kb / 2P
Single Photon Counting Module for Particle Measurement
logo
Hamamatsu Corporation
H7155 HAMAMATSU-H7155 Datasheet
85Kb / 2P
Photon Counting Head
H7360 HAMAMATSU-H7360 Datasheet
81Kb / 2P
Photon Counting Head
H7467 HAMAMATSU-H7467 Datasheet
85Kb / 2P
Photon Counting Head
C9744 HAMAMATSU-C9744 Datasheet
119Kb / 2P
PHOTON COUNTING UNIT
H11123 HAMAMATSU-H11123 Datasheet
73Kb / 2P
Photon Counting Head
C9744 HAMAMATSU-C9744_15 Datasheet
245Kb / 2P
PHOTON COUNTING UNIT
logo
List of Unclassifed Man...
SPCM-AQ4C ETC2-SPCM-AQ4C Datasheet
749Kb / 9P
Single Photon Counting Module 4 Channel Array
SPCM-AQRH ETC2-SPCM-AQRH Datasheet
931Kb / 15P
Single Photon Counting Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com