Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFLS230 Datasheet (PDF) - Diodes Incorporated

DFLS230 Datasheet PDF - Diodes Incorporated
Part # DFLS230
Download  DFLS230 Download
File Size   89.76 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

DFLS230 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFLS230 Datasheet PDF - Diodes Incorporated

Part # DFLS230
Download  DFLS230 Click to download

File Size   89.76 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

DFLS230 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - DFLS230

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS230 DIODES-DFLS230 Datasheet
78Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30518 Rev. 2 - 1
DFLS230-7 DIODES-DFLS230-7 Datasheet
78Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30518 Rev. 2 - 1
DFLS230-7 DIODES-DFLS230-7 Datasheet
468Kb / 15P
HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Rev 5
DFLS230-7 DIODES-DFLS230-7 Datasheet
262Kb / 8P
12VDC and 12VAC input
MAY 2012
DFLS230L DIODES-DFLS230L Datasheet
82Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30515 Rev. 1 - 1
More results


Similar Description - DFLS230

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK22 WTE-SK22 Datasheet
43Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com