Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFLZ5V1 Datasheet (PDF) - Diodes Incorporated

DFLZ5V1 Datasheet PDF - Diodes Incorporated
Part # DFLZ5V1
Download  DFLZ5V1 Download
File Size   188.67 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0W SURFACE MOUNT POWER ZENER DIODE

DFLZ5V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFLZ5V1 Datasheet PDF - Diodes Incorporated

Part # DFLZ5V1
Download  DFLZ5V1 Click to download

File Size   188.67 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0W SURFACE MOUNT POWER ZENER DIODE

DFLZ5V1 Datasheet (HTML) - Diodes Incorporated


DFLZ5V1 Product details

Features
• 1W Power Dissipation on FR-4 PCB
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - DFLZ5V1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLZ5V1 DIODES-DFLZ5V1 Datasheet
75Kb / 4P
1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 8 - 2
logo
Micro Commercial Compon...
DFLZ5V1 MCC-DFLZ5V1 Datasheet
366Kb / 4P
1 Watt Zener Diode 5.1V - 100V Volts
logo
Diodes Incorporated
DFLZ5V1Q DIODES-DFLZ5V1Q Datasheet
375Kb / 4P
1.0W SURFACE MOUNT POWER ZENER DIODE
Rev 2
DFLZ5V1Q-7 DIODES-DFLZ5V1Q-7 Datasheet
207Kb / 4P
1.0W SURFACE MOUNT POWER ZENER DIODE POWERDI짰123
Rev 1
DFLZ5V1Q DIODES-DFLZ5V1Q_1 Datasheet
375Kb / 4P
1.0W SURFACE MOUNT POWER ZENER DIODE
Rev 2
More results


Similar Description - DFLZ5V1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
DFLZ5V1 DIODES-DFLZ5V1_09 Datasheet
75Kb / 4P
1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 8 - 2
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
Rev 16
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
Rev 16
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
Rev 16
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
DFLZXXQ DIODES-DFLZXXQ_15 Datasheet
207Kb / 4P
1.0W SURFACE MOUNT POWER ZENER DIODE
Rev 1
DFLZ5V1Q DIODES-DFLZ5V1Q_1 Datasheet
375Kb / 4P
1.0W SURFACE MOUNT POWER ZENER DIODE
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com