Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL5XY Datasheet (PDF) - Micronas

HAL5XY Datasheet PDF - Micronas
Part # HAL5XY_V01
Download  HAL5XY Download
File Size   1493.69 Kbytes
Page   48 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Hall-Effect Sensor Family

HAL5XY Datasheet (PDF)

Go To PDF Page Download Datasheet
HAL5XY Datasheet PDF - Micronas

Part # HAL5XY_V01
Download  HAL5XY Click to download

File Size   1493.69 Kbytes
Page   48 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Hall-Effect Sensor Family

HAL5XY Datasheet (HTML) - Micronas


HAL5XY Product details

1.1. Features:
– switching offset compensation at typically 62 kHz
– operates from 3.8 V to 24 V supply voltage
– overvoltage protection at all pins
– reverse-voltage protection at VDD-pin
– magnetic characteristics are robust regarding
mechanical stress effects
– short-circuit protected open-drain output by thermal
shut down
– operates with static magnetic fields and dynamic
magnetic fields up to 10 kHz
– constant switching points over a wide supply voltage
range
– the decrease of magnetic flux density caused by rising
temperature in the sensor system is compensated
by a built-in negative temperature coefficient
of the magnetic characteristics
– ideal sensor for applications in extreme automotive
and industrial environments
– EMC corresponding to ISO 7637

2. Functional Description
The HAL 5xx sensors are monolithic integrated circuits
which switch in response to magnetic fields. If a magnetic
field with flux lines perpendicular to the sensitive
area is applied to the sensor, the biased Hall plate
forces a Hall voltage proportional to this field. The Hall
voltage is compared with the actual threshold level in
the comparator. The temperature-dependent bias
increases the supply voltage of the Hall plates and
adjusts the switching points to the decreasing induction
of magnets at higher temperatures. If the magnetic
field exceeds the threshold levels, the open drain output
switches to the appropriate state. The built-in hysteresis
eliminates oscillation and provides switching
behavior of output without bouncing.
Magnetic offset caused by mechanical stress is compensated
for by using the “switching offset compensation
technique”. Thus, an internal oscillator provides a
two-phase clock. The Hall voltage is sampled at the
end of the first phase. At the end of the second phase,
both sampled and actual Hall voltages are averaged
and compared with the actual switching point. Subsequently,
the open drain output switches to the appropriate
state. The time from crossing the magnetic switching
level to switching of output can vary between zero
and 1/fosc.
Shunt protection devices clamp voltage peaks at the
output pin and VDD pin together with external series
resistors. Reverse current is limited at the VDD pin by
an internal series resistor up to −15 V. No external
reverse protection diode is needed at the VDD pin for
reverse voltages ranging from 0 V to −15 V.




Similar Part No. - HAL5XY_V01

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
Multipurpose Hall-Effect Sensor Family
More results


Similar Description - HAL5XY_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
Two-Wire Hall Effect Sensor Family
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
Hall Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
Multipurpose Hall-Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
Linear Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
Two-Wire Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com