Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2702525 Datasheet (PDF) - PHOENIX CONTACT

2702525 Datasheet PDF - PHOENIX CONTACT
Part # 2702525
Download  2702525 Download
File Size   769.32 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Analog module - AXL F AI8 W 1F

2702525 Datasheet (PDF)

Go To PDF Page Download Datasheet
2702525 Datasheet PDF - PHOENIX CONTACT

Part # 2702525
Download  2702525 Click to download

File Size   769.32 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Analog module - AXL F AI8 W 1F

2702525 Datasheet (HTML) - PHOENIX CONTACT


2702525 Product details

Axioline F, Analog input module, Analog inputs: 8, 0 V ... 5 V, -5 V ... 5 V, 0 V ... 10 V, -10 V ...
10 V, 0 mA ... 20 mA, 4 mA ... 20 mA, -20 mA ... 20 mA, connection technology: 2-conductor,
transmission speed in the local bus: 100 Mbps, for SAFE AI applications with service-free
continuous operation, degree of protection: IP20, including bus base module and Axioline F
connectors

Product Description
The module is designed for use within an Axioline F station. It is used to acquire analog voltage and current signals. The high long-term stability of
the peripheral electronics ensures service-free continuous operation.

Your advantages
• 8 analog, bipolar input channels for the connection of either voltage or current signals
• Connection of sensors in 2-conductor technology
• Voltage ranges: 0 V ... 10 V, ±10 V, 0 V ... 5 V, ±5 V
• Current ranges: 0 mA ... 20 mA, 4 mA ... 20 mA, ±20 mA
• High long-term stability of measuring inputs
• Device rating plate stored
• Safe analog value processing with SAFE AI and other components




Similar Part No. - 2702525

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702520 PHOENIX-2702520 Datasheet
105Kb / 4P
Cable tie - FL LCX CLAMP E
Dec 6, 2022
2702522 PHOENIX-2702522 Datasheet
295Kb / 10P
PSR-PC51-1NO-1NC-24DC-SC - Coupling relay
2702523 PHOENIX-2702523 Datasheet
294Kb / 10P
PSR-PC51-1NO-1NC-24DC-SP - Coupling relay
2702526 PHOENIX-2702526 Datasheet
45Kb / 2P
Transformer terminal block - VTRK 4-SI/C AH
2702527 PHOENIX-2702527 Datasheet
49Kb / 1P
Mounting brackets, stainless, 2A (X5CrNi-18-10): Steel, for machine lights PLD M 260 .../D40, Swiveling range 짹45째
More results


Similar Description - 2702525

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702264 PHOENIX-2702264 Datasheet
505Kb / 6P
Safety module - AXL F SSDO8/3 1F
1052429 PHOENIX-1052429 Datasheet
460Kb / 7P
I/O module - AXL P AI8 HART 1F
12/24/2021
1052432 PHOENIX-1052432 Datasheet
489Kb / 8P
I/O module - AXL F EX IS AI8 HART XC 1F
12/24/2021
1052434 PHOENIX-1052434 Datasheet
468Kb / 7P
I/O module - AXL F AI8 HART XC 1F
12/24/2021
2688417 PHOENIX-2688417 Datasheet
553Kb / 10P
I/O module - AXL F UTH8 1F
12/24/2021
2701559 PHOENIX-2701559 Datasheet
549Kb / 7P
Safety module - AXL F PSDI8/4 1F
12/24/2021
2702858 PHOENIX-2702858 Datasheet
694Kb / 12P
Safety module - AXL F PSDOR4/2 1F
Nov 16, 2022
2702859 PHOENIX-2702859 Datasheet
692Kb / 11P
Safety module - AXL F SSDOR4/2 1F
Nov 16, 2022
1052431 PHOENIX-1052431 Datasheet
529Kb / 13P
Analog module - AXL P EX IS AI8 HART 1F
Dec 9, 2022
2701560 PHOENIX-2701560 Datasheet
550Kb / 13P
Safety module - AXL F PSDO8/3 1F
Dec 9, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com