Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2891007 Datasheet (PDF) - PHOENIX CONTACT

2891007 Datasheet PDF - PHOENIX CONTACT
Part # 2891007
Download  2891007 Download
File Size   571.57 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH SFNT 7TX/FX ST

2891007 Datasheet (PDF)

Go To PDF Page Download Datasheet
2891007 Datasheet PDF - PHOENIX CONTACT

Part # 2891007
Download  2891007 Click to download

File Size   571.57 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH SFNT 7TX/FX ST

2891007 Datasheet (HTML) - PHOENIX CONTACT


2891007 Product details

Wide-temperature Ethernet switch, 7 TP RJ45 ports, 1 FO port, 100 Mbps full duplex in ST
format, automatic detection of data transmission speed of 10/100 Mbps (RJ45), autocrossing
function, reads QoS priority messages, accepts security frames

Your advantages
• QoS-prioritized (Quality of Service) messages
• Wide operating temperature range of -40 °C ... 75 °C
• RJ45 ports support a transmission speed of 10/100 Mbps
• Fiber-optic ports support 100 Mbps
• Local diagnostic indicators with LEDs
• The switch also offers cable locking and port blocking
• Alarm contact for power supply and link status diagnostics
• Auto negotiation and autocrossing detection simplifies installation and setup




Similar Part No. - 2891007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2891001 PHOENIX-2891001 Datasheet
91Kb / 7P
Industrial Ethernet Switch - FL SWITCH SFNB 5TX
09/12/2020
2891002 PHOENIX-2891002 Datasheet
393Kb / 12P
Industrial Ethernet Switch - FL SWITCH SFNB 8TX
Dec 2, 2022
2891003 PHOENIX-2891003 Datasheet
101Kb / 8P
Industrial Ethernet Switch - FL SWITCH SFNT 5TX
09/12/2020
2891004 PHOENIX-2891004 Datasheet
643Kb / 21P
Industrial Ethernet Switch - FL SWITCH SFNT 4TX/FX
Dec 2, 2022
2891005 PHOENIX-2891005 Datasheet
424Kb / 14P
Industrial Ethernet Switch - FL SWITCH SFNT 8TX
Dec 2, 2022
More results


Similar Description - 2891007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085179 PHOENIX-1085179 Datasheet
269Kb / 9P
Industrial Ethernet Switch - FL SWITCH 1004N-FX ST
2891026 PHOENIX-2891026 Datasheet
112Kb / 10P
Industrial Ethernet Switch - FL SWITCH SFNT 6TX/2FX ST
01/21/2022
2891003 PHOENIX-2891003 Datasheet
101Kb / 8P
Industrial Ethernet Switch - FL SWITCH SFNT 5TX
09/12/2020
2891453 PHOENIX-2891453 Datasheet
105Kb / 9P
Industrial Ethernet Switch - FL SWITCH SFN 4TX/FX ST
09/12/2020
2891952 PHOENIX-2891952 Datasheet
94Kb / 7P
Industrial Ethernet Switch - FL SWITCH SFNT 16TX
09/12/2020
2891954 PHOENIX-2891954 Datasheet
116Kb / 10P
Industrial Ethernet Switch - FL SWITCH SFNT 14TX/2FX
09/12/2020
2891005 PHOENIX-2891005 Datasheet
424Kb / 14P
Industrial Ethernet Switch - FL SWITCH SFNT 8TX
Dec 2, 2022
2891006 PHOENIX-2891006 Datasheet
658Kb / 22P
Industrial Ethernet Switch - FL SWITCH SFNT 7TX/FX
Dec 2, 2022
2891025 PHOENIX-2891025 Datasheet
631Kb / 20P
Industrial Ethernet Switch - FL SWITCH SFNT 6TX/2FX
Dec 2, 2022
2891004 PHOENIX-2891004 Datasheet
643Kb / 21P
Industrial Ethernet Switch - FL SWITCH SFNT 4TX/FX
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com