Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2891042 Datasheet (PDF) - PHOENIX CONTACT

2891042 Datasheet PDF - PHOENIX CONTACT
Part # 2891042
Download  2891042 Download
File Size   583.08 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Ethernet module - FL PD 1001 T GT

2891042 Datasheet (PDF)

Go To PDF Page Download Datasheet
2891042 Datasheet PDF - PHOENIX CONTACT

Part # 2891042
Download  2891042 Click to download

File Size   583.08 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Ethernet module - FL PD 1001 T GT

2891042 Datasheet (HTML) - PHOENIX CONTACT


2891042 Product details

Factoryline Power over Ethernet splitter (PD) for separating power and data according to IEEE
802.3af and at, no configuration required, can be used with 10, 100, 1000 Mbps networks, 24 V
DC output voltage

Product Description
Power over Ethernet splitter (PD) for separating power and data according to IEEE 802.3af and IEEE 802.3at. The Power over Ethernet splitter,
which is suitable for industrial applications, enables the decoupling of Ethernet data with up to 1000 Mbps of the transmitted energy. The 24 V DC
voltage is supplied to the PoE splitter in line with the application. Depending on the type of connected PoE supply (802.3af/802.3at), 10.5 W or 21.5
W are available to the terminal device on the splitter. This means that terminal devices without PoE interface such as WLAN or Bluetooth access
points, IP phones or IP cameras can be easily connected to a PoE interface.

Your advantages
• Compact housing
• IEEE 802.3af, at




Similar Part No. - 2891042

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2891041 PHOENIX-2891041 Datasheet
145Kb / 5P
The FL SWITCH 1824 has 24 Ethernet ports in RJ45 format. It is mounted in a 19-in. (482 mm) rack with AC power.
2891043 PHOENIX-2891043 Datasheet
68Kb / 3P
Wide-temperature Ethernet switch, 5 TP RJ45 ports, automatic detection of data transmission speed of 10/100 Mbps (RJ45), autocrossing function, reads QoS priority messages, accepts security frames.
2891044 PHOENIX-2891044 Datasheet
60Kb / 4P
Wide-temperature Ethernet switch, 4 TP RJ45 ports, 1 FO port, 100 Mbps full duplex in SC-D format, automatic
2891045 PHOENIX-2891045 Datasheet
61Kb / 4P
Wide-temperature Ethernet switch, 8 TP RJ45 ports, automatic detection of data transmission speed of 10/100Mbps
2891047 PHOENIX-2891047 Datasheet
61Kb / 4P
Wide-temperature Ethernet switch, 7 TP RJ45 ports, 1 FO port, 100 Mbps full duplex in ST format, automatic
More results


Similar Description - 2891042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEM1312 ETC2-PEM1312 Datasheet
753Kb / 5P
Power Over Ethernet PD Module
PEM3112C ETC2-PEM3112C Datasheet
688Kb / 13P
30W Power Over Ethernet Plus (POE) PD Module
BF-1001 ETC2-BF-1001 Datasheet
46Kb / 1P
BIG-FOOT-1001
logo
PHOENIX CONTACT
2806 PHOENIX-2806 Datasheet
736Kb / 7P
FL SWITCH SFN(T)
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1005N
2700197 PHOENIX-2700197 Datasheet
62Kb / 6P
Router - FL MGUARD GT/GT
09/03/2014
2700198 PHOENIX-2700198 Datasheet
119Kb / 12P
Router - FL MGUARD GT/GT VPN
09/12/2020
1085165 PHOENIX-1085165 Datasheet
409Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1008NT
Nov 16, 2022
1102077 PHOENIX-1102077 Datasheet
457Kb / 16P
Industrial Ethernet Switch - FL SWITCH 1001-4POEGT
Dec 2, 2022
2891032 PHOENIX-2891032 Datasheet
459Kb / 14P
Industrial Ethernet Switch - FL SWITCH 3005T
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com