Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPM240G Datasheet (PDF) - Intel Corporation

EPM240G Datasheet PDF - Intel Corporation
Part # EPM240G
Download  EPM240G Download
File Size   622.93 Kbytes
Page   101 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description MAX II Device Family Data Sheet

EPM240G Datasheet (PDF)

Go To PDF Page Download Datasheet
EPM240G Datasheet PDF - Intel Corporation

Part # EPM240G
Download  EPM240G Click to download

File Size   622.93 Kbytes
Page   101 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description MAX II Device Family Data Sheet

EPM240G Datasheet (HTML) - Intel Corporation


EPM240G Product details

Features ■ Low-cost, low-power CPLD
■ Instant-on, non-volatile architecture
■ Standby current as low as 2 mA
■ Provides fast propagation delay and clock-to-output times
■ Provides four global clocks with two clocks available per logic array
block (LAB)
■ UFM block up to 8 Kbits for non-volatile storage
■ MultiVolt core enabling external supply voltages to the device of
either 3.3 V/2.5 V or 1.8 V
■ MultiVolt I/O interface supporting 3.3-V, 2.5-V, 1.8-V, and 1.5-V logic
levels
■ Bus-friendly architecture including programmable slew rate, drive
strength, bus-hold, and programmable pull-up resistors
■ Schmitt triggers enabling noise tolerant inputs (programmable per
pin)
■ Fully compliant with the Peripheral Component Interconnect Special
Interest Group (PCI SIG) PCI Local Bus Specification, Revision 2.2 for
3.3-V operation at 66 MHz
■ Supports hot-socketing
■ Built-in Joint Test Action Group (JTAG) boundary-scan test (BST)
circuitry compliant with IEEE Std. 1149.1-1990
■ ISP circuitry compliant with IEEE Std. 1532




Similar Part No. - EPM240G

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240G ALTERA-EPM240G Datasheet
1Mb / 86P
MAX II Device Family
EPM240G ALTERA-EPM240G Datasheet
863Kb / 88P
MAX II Device Family Data
EPM240G ALTERA-EPM240G Datasheet
86Kb / 6P
The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m
EPM240G ALTERA-EPM240G Datasheet
987Kb / 88P
Section I. MAX II Device Family
August 2009
EPM240G ALTERA-EPM240G Datasheet
2Mb / 297P
MAX II Device Handbook
October 2008, version 2.1
More results


Similar Description - EPM240G

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240G ALTERA-EPM240G Datasheet
1Mb / 86P
MAX II Device Family
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EPM240 ALTERA-EPM240_10 Datasheet
863Kb / 88P
MAX II Device Family Data
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
Stratix II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
Section I. Stratix II Device Family Data Sheet
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com