Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5881 Datasheet (PDF) - Melexis Microelectronic Systems

US5881 Datasheet PDF - Melexis Microelectronic Systems
Part # US5881_V01
Download  US5881 Download
File Size   1040.55 Kbytes
Page   11 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Unipolar Hall Switch Low Sensitivity

US5881 Datasheet (PDF)

Go To PDF Page Download Datasheet
US5881 Datasheet PDF - Melexis Microelectronic Systems

Part # US5881_V01
Download  US5881 Click to download

File Size   1040.55 Kbytes
Page   11 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Unipolar Hall Switch Low Sensitivity

US5881 Datasheet (HTML) - Melexis Microelectronic Systems


US5881 Product details

Features and Benefits
- Wide operating voltage range from 3.5V to 24V
- Low sensitivity
- CMOS technology
- Chopper-stabilized amplifier stage
- Low current consumption
- Open drain output
- Thin SOT23 3L and flat TO-92 3L both RoHS Compliant packages

Applications
- Automotive, Consumer and Industrial
- Solid-state switch
- Interrupter
- Current detector
- Proximity detection




Similar Part No. - US5881_V01

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US5881ESE MELEXIS-US5881ESE Datasheet
444Kb / 11P
Unipolar Hall Switch - Low Sensitivity
US5881ESEAAA-000RE MELEXIS-US5881ESEAAA-000RE Datasheet
951Kb / 11P
Unipolar Hall Switch ??Low Sensitivity
logo
List of Unclassifed Man...
US5881ESO ETC-US5881ESO Datasheet
118Kb / 6P
CMOS Multi-Purpose Switch
US5881EUA ETC-US5881EUA Datasheet
118Kb / 6P
CMOS Multi-Purpose Switch
logo
Melexis Microelectronic...
US5881EUA MELEXIS-US5881EUA Datasheet
444Kb / 11P
Unipolar Hall Switch - Low Sensitivity
More results


Similar Description - US5881_V01

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US5881 MELEXIS-US5881 Datasheet
444Kb / 11P
Unipolar Hall Switch - Low Sensitivity
logo
SEC Electronics Inc.
SS5681 SECELECTRONICS-SS5681 Datasheet
199Kb / 7P
Unipolar Hall Switch-Low Sensitivity
S5881-AA SECELECTRONICS-S5881-AA Datasheet
353Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS139 SECELECTRONICS-SS139 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
SS159 SECELECTRONICS-SS159 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
SS1101-A SECELECTRONICS-SS1101-A_13 Datasheet
247Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1102 SECELECTRONICS-SS1102_13 Datasheet
276Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1104 SECELECTRONICS-SS1104_13 Datasheet
257Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1348 SECELECTRONICS-SS1348 Datasheet
224Kb / 6P
Unipolar Hall Switch-Low Sensitivity
SS5881_1311 SECELECTRONICS-SS5881_1311 Datasheet
245Kb / 7P
Unipolar Hall Switch-Low Sensitivity
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com