Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK241 Datasheet (PDF) - Toshiba Semiconductor

2SK241 Datasheet PDF - Toshiba Semiconductor
Part # 2SK241
Download  2SK241 Download
File Size   198.26 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type

2SK241 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK241 Datasheet PDF - Toshiba Semiconductor

Part # 2SK241
Download  2SK241 Click to download

File Size   198.26 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type

2SK241 Datasheet (HTML) - Toshiba Semiconductor


2SK241 Product details

FM Tuner, VHF and RF Amplifier Applications
 Low reverse transfer capacitance: Crss = 0.035 pF (typ.)
 Low noise figure: NF = 1.7dB (typ.)
 High power gain: GPS = 28dB (typ.)
 Recommend operation voltage: 5~15 V




Similar Part No. - 2SK241

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK241 TOSHIBA-2SK241 Datasheet
262Kb / 5P
N CHANNEL MOS TYPE (FM TUNER, VHF AND FR AMPLIFIER APPLICATIONS)
2SK241 TOSHIBA-2SK241 Datasheet
73Kb / 1P
TRANSISTOR
logo
NEC
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
2SK2410 RENESAS-2SK2410 Datasheet
216Kb / 10P
MOS FIELD EFFECT TRANSISTOR
1994
logo
Inchange Semiconductor ...
2SK2410 ISC-2SK2410 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK241

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com