Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBL005 Datasheet (PDF) - List of Unclassifed Manufacturers

KBL005 Datasheet PDF - List of Unclassifed Manufacturers
Part # KBL005
Download  KBL005 Download
File Size   26.65 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 4.0 A Single-Phase Silicon Bridge Rectifier

KBL005 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBL005 Datasheet PDF - List of Unclassifed Manufacturers

Part # KBL005
Download  KBL005 Click to download

File Size   26.65 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 4.0 A Single-Phase Silicon Bridge Rectifier

KBL005 Datasheet (HTML) - List of Unclassifed Manufacturers


KBL005 Product details

Features
This series is UL listed under the Recognized
Component Index, file number E142814
The plastic material used carries Underwriters Laboratory
flammability recognition 94V-0
Ideal for printed circuit board mounting
High temperature soldering guaranteed 265 /10
seconds at 5 lbs (2.3kg) tension
Built-in printed circuit board stand-offs
High case dielectric strength




Similar Part No. - KBL005

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBL005 SEMTECH-KBL005 Datasheet
128Kb / 2P
4.0A SINGLE - PHASE SILICON BRIDGE
logo
Fairchild Semiconductor
KBL005 FAIRCHILD-KBL005 Datasheet
28Kb / 2P
4.0 Ampere Silicon Bridge Rectifiers
logo
Shanghai Lunsure Electr...
KBL005 CHENYI-KBL005 Datasheet
155Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Dc Components
KBL005 DCCOM-KBL005 Datasheet
379Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Fuji Electric
KBL005 FUJI-KBL005 Datasheet
632Kb / 1P
4 AMP SILICON BRIDGE RECTIFIER
More results


Similar Description - KBL005

ManufacturerPart #DatasheetDescription
logo
Surge Components
KBL401 SURGE-KBL401 Datasheet
115Kb / 2P
Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBL400 JGD-KBL400 Datasheet
137Kb / 2P
SINGLE PHASE 4.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBL0 ETC-KBL0 Datasheet
123Kb / 2P
4.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBU401 TSC-KBU401 Datasheet
54Kb / 2P
Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
KBU401 TSC-KBU401_1 Datasheet
168Kb / 2P
Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
KBL401 TSC-KBL401 Datasheet
76Kb / 2P
Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
KBL401 TSC-KBL401_1 Datasheet
258Kb / 2P
Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
First Components Intern...
KBL400 FCI-KBL400 Datasheet
125Kb / 2P
4.0 Amp SINGLE PHASE SILICON BRIDGE
KBU400 FCI-KBU400 Datasheet
171Kb / 2P
4.0 Amp SINGLE PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com