Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XB4BD33 Datasheet (PDF) - List of Unclassifed Manufacturers

XB4BD33 Datasheet PDF - List of Unclassifed Manufacturers
Part # XB4BD33
Download  XB4BD33 Download
File Size   137.93 Kbytes
Page   5 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Harmony, 22mm Push Button, 3 position selector switch, black, maintained, 2 NO, 600 V

XB4BD33 Datasheet (PDF)

Go To PDF Page Download Datasheet
XB4BD33 Datasheet PDF - List of Unclassifed Manufacturers

Part # XB4BD33
Download  XB4BD33 Click to download

File Size   137.93 Kbytes
Page   5 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Harmony, 22mm Push Button, 3 position selector switch, black, maintained, 2 NO, 600 V

XB4BD33 Datasheet (HTML) - List of Unclassifed Manufacturers


XB4BD33 Product details

Main
Range of Product Harmony XB4
Product or Component
Type
Selector switch
Device short name XB4
Bezel material Chromium plated metal
Fixing collar material Zamak
Mounting diameter 0.87 in (22 mm)
Sale per indivisible
quantity
1
Head type Standard
Shape of signaling unit
head
Round
Type of operator Stay put
Operator profile Black standard handle
Operator position
information
3 positions +/- 45°
Contacts type and
composition
2 NO
Contact operation Slow-break
Connections - terminals Screw clamp terminals, <= 2 x 1.5 mm² with cable
end EN/IEC 60947-1
Screw clamp terminals, >= 1 x 0.22 mm² without
cable end EN/IEC 60947-1




Similar Part No. - XB4BD33

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XB4BD33 SCHNEIDER-XB4BD33 Datasheet
164Kb / 5P
Harmony, 22mm Push Button, 3 position selector switch, black, maintained, 2 NO, 600 V
Sep 29, 2021
XB4BD33GEX SCHNEIDER-XB4BD33GEX Datasheet
136Kb / 5P
Complete selector switch, Harmony XB4, Explosive atmosphere, swith 3 positions stay put
Jan 26, 2022
More results


Similar Description - XB4BD33

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XB6AD233B SCHNEIDER-XB6AD233B Datasheet
92Kb / 3P
16mm push button, Harmony XB6, selector switch, nonilluminated, black 3 position maintained, 2NO contacts
Sep 15, 2021
XB4BD21 SCHNEIDER-XB4BD21 Datasheet
157Kb / 5P
Harmony, 22mm Push Button, 2 position selector switch, black, maintained, 1 NO, 600 V
Sep 29, 2021
XB4BD25 SCHNEIDER-XB4BD25 Datasheet
164Kb / 5P
Harmony, 22mm Push Button, 2 position selector switch, black, maintained, 1 NO and 1 NC, 600 V
Sep 29, 2021
XB4BD33 SCHNEIDER-XB4BD33 Datasheet
164Kb / 5P
Harmony, 22mm Push Button, 3 position selector switch, black, maintained, 2 NO, 600 V
Sep 29, 2021
XB4BD53 SCHNEIDER-XB4BD53 Datasheet
163Kb / 5P
Harmony, 22mm Push Button, 3 position selector switch, black, spring return, 2 NO, 600 V
Sep 29, 2021
ZB4BD5 SCHNEIDER-ZB4BD5 Datasheet
169Kb / 9P
Harmony, 22mm Push Button, selector switch operating head, 3 position, spring return, black, unmarked
Aug 15, 2019
XB5AD33 SCHNEIDER-XB5AD33 Datasheet
108Kb / 4P
Harmony, 22mm Push Button, 3 position selector switch, black, maintained, 2 NO, marked HAND OFF AUTO
Aug 17, 2019
ZB5AD3 SCHNEIDER-ZB5AD3 Datasheet
188Kb / 10P
Harmony, 22mm Push Button, selector switch operating head, 3 position, maintained, black, unmarked
Aug 15, 2019
ZB5AD2 SCHNEIDER-ZB5AD2 Datasheet
418Kb / 17P
Harmony, 22mm Push Button, selector switch operating head, 2 position, maintained, black, unmarked
Mar 14, 2022
ZB5AD3TQ SCHNEIDER-ZB5AD3TQ Datasheet
407Kb / 17P
22mm push button, Harmony ZB5, plastic base, non illuminated 3 position selector switch, black knob, bulk packed 100
Mar 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com