Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11-EP Datasheet (PDF) - Amphenol Corporation

11-EP Datasheet PDF - Amphenol Corporation
Part # 11-EP
Download  11-EP Download
File Size   1122.95 Kbytes
Page   54 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Subminiature Cylindrical Connectors

11-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
11-EP Datasheet PDF - Amphenol Corporation

Part # 11-EP
Download  11-EP Click to download

File Size   1122.95 Kbytes
Page   54 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Subminiature Cylindrical Connectors

11-EP Datasheet (HTML) - Amphenol Corporation


11-EP Product details

• EMI Shielding - solid metal to metal coupling, grounding
fingers, electroless nickel plating, and thicker wall sections
provide superior EMI shielding capability of 65dB minimum
at 10 GHz
• Contact Protection - recessed pins in this 100% scoopproof
connector minimize potential contact damage
• Moisture Resistance - improved interfacial seal design
helps prevent electrolytic erosion of contacts
• Corrosion Resistance - shells of stainless steel or
cadmium over nickel plating withstand a 500 hour salt spray
exposure
• Vibration/Shock - operates under severe high temperature
vibration, through 200°C
• Firewall Capability - available in a stainless steel shell,
class RK, RS
• Lockwiring Eliminated - unique, self-locking, quick
coupling connector eliminates lockwiring
• Quick Coupling - completely mates and self-locks in a
360° turn of the coupling nut
• Inventory Support Commonality - uses standard MILDTL-
38999 contacts, application tools, insert arrangements
• Electrostatic Discharge Protection (ESD) - protection for
sensitive circuitry without diodes, varistors, etc., with the
use of the Faraday Cage principal which shunts high
voltage, high current discharge events (see page 51)
• Ground Plane Connectors - with metallic insert for
common grounding of coax, triax or twinax contact outer
shield (see page 49)
• Hermetic- air leakage limited to 1 X 10-7 cm3 per second
optional




Similar Part No. - 11-EP

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
11-00-000-9509 HARTING-11-00-000-9509 Datasheet
455Kb / 2P
Yellock PE extension crimp 6mm짼
11-00-000-9510 HARTING-11-00-000-9510 Datasheet
455Kb / 2P
Yellock PE extension crimp 10mm짼
11-00-000-9903 HARTING-11-00-000-9903 Datasheet
454Kb / 2P
Fixing Kit Han-Yellock hoods
2021-10-01
logo
Tensility International...
11-00011 TENSILITY-11-00011 Datasheet
99Kb / 1P
20802 Sockeye Place #130 Bend, OR 97701 USA
11-00012 TENSILITY-11-00012 Datasheet
114Kb / 1P
20802 Sockeye Place #130 Bend, OR 97701 USA
More results


Similar Description - 11-EP

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS27484T16F8S-LC AMPHENOL-MS27484T16F8S-LC Datasheet
1Mb / 57P
Amphenol JT/LJT Subminiature Cylindrical Connectors
10-552682-11G AMPHENOL-10-552682-11G Datasheet
1Mb / 54P
Amphenol Tri-Start Subminiature Cylindrical Connectors
JT06RE-18-53P AMPHENOL-JT06RE-18-53P Datasheet
1Mb / 57P
Amphenol JT/LJT Subminiature Cylindrical Connectors
M39029-57-354 AMPHENOL-M39029-57-354 Datasheet
1Mb / 57P
Amphenol JT/LJT Subminiature Cylindrical Connectors
12-092 AMPHENOL-12-092 Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
MS27497T24B4S AMPHENOL-MS27497T24B4S Datasheet
1Mb / 57P
JT/LJT Subminiature Cylindrical Connectors
D38999-20KD19PN AMPHENOL-D38999-20KD19PN Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
JT06A-24-61P AMPHENOL-JT06A-24-61P Datasheet
1Mb / 57P
JT/LJT Subminiature Cylindrical Connectors
10-552944-159 AMPHENOL-10-552944-159 Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
LJT06RE-11-98P AMPHENOL-LJT06RE-11-98P Datasheet
1Mb / 57P
JT/LJT Subminiature Cylindrical Connectors
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com