Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22950 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS22950 Datasheet PDF - Texas Instruments
Part # TPS22950
Download  TPS22950 Download
File Size   914.39 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit

TPS22950 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22950 Datasheet PDF - Texas Instruments

Part # TPS22950
Download  TPS22950 Click to download

File Size   914.39 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit

TPS22950 Datasheet (HTML) - Texas Instruments


TPS22950 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
• Input operating voltage range (VIN): 1.8 V – 5.5 V
• Output current limit (ILIMIT): 0.05 A – 3.5 A (typ)
• Thermal shutdown (TSD)
• ON-resistance (RON):
– RON at VIN = 5 V: 34 mΩ (typ)
– RON at VIN = 3.3 V: 41 mΩ (typ)
• Slow turn-ON timing limits inrush current (typ):
– tON at VIN = 5 V: 832 μs
– tON at VIN = 3.3 V: 695 μs
• Always-ON true reverse current blocking (RCB)
• Fault indication (FLT)
• Quick output discharge (QOD): 130 Ω
• Smart ON pin pulldown (RPD,ON):
– ON ≥ VIH (ION): 50 nA (max)
– ON ≤ VIL (RPD,ON): 500 kΩ (typ)
• Low power consumption:
– ON state (IQ): 40 μA (typ)
– OFF state (ISD): 0.2 μA (typ)
• UL 2367 recognition – file no. E169910
– Certified from ILIM = 66 mA to 2.46 A

2 Applications
• Infotainment and cluster head unit
• Automotive cluster display
• ADAS surround view system ECU
• Body control module and gateway

3 Description
The TPS22950-Q1 is a small, single channel load
switch with robust protection against fault cases with
adjustable output current limiting, reverse current
blocking, and thermal shutdown.
The switch ON state is controlled by a digital input
that is capable of interfacing directly with low-voltage
control signals. When power is first applied, a smart
pulldown is used to keep the ON pin from floating
until system sequencing is complete. After the pin is
deliberately driven high (>VIH), the smart pulldown is
disconnected to prevent unnecessary power loss.
TPS22950-Q1 is available in a standard SOT
package characterized for operation over an ambient
temperature range of –40°C to 125°C.




Similar Part No. - TPS22950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22950 TI-TPS22950 Datasheet
1Mb / 22P
TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
TPS22950 TI-TPS22950 Datasheet
1Mb / 26P
TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
DECEMBER 2020
TPS22950 TI-TPS22950 Datasheet
1Mb / 29P
TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022
TPS22950 TI-TPS22950 Datasheet
1Mb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22950 TI-TPS22950 Datasheet
1Mb / 28P
TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
More results


Similar Description - TPS22950

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
Load Switch with Adjustable Current-Limit Control
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
Precision Load Switch with Adjustable Current Limit
logo
Texas Instruments
TPS22950 TI-TPS22950 Datasheet
1Mb / 22P
TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
TPS22950 TI-TPS22950_V01 Datasheet
1Mb / 26P
TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
DECEMBER 2020
TPS22950 TI-TPS22950_V02 Datasheet
1Mb / 29P
TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22950-Q1 TI-TPS22950-Q1 Datasheet
1Mb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22950 TI-TPS22950_V03 Datasheet
1Mb / 28P
TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com