Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS536C5 Datasheet (PDF) - Texas Instruments

TPS536C5 Datasheet PDF - Texas Instruments
Part # TPS536C5
Download  TPS536C5 Download
File Size   872.88 Kbytes
Page   14 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS536C5 Dual-Channel (N M ≤ 12 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces

TPS536C5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS536C5 Datasheet PDF - Texas Instruments

Part # TPS536C5
Download  TPS536C5 Click to download

File Size   872.88 Kbytes
Page   14 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS536C5 Dual-Channel (N M ≤ 12 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces

TPS536C5 Datasheet (HTML) - Texas Instruments


TPS536C5 Product details

1 Features
• Input voltage range: 4.5 V to 17 V
• Output voltage range: 0.25 V to 5.5 V
• Dual output supporting N+M ≤ 12 phases, M ≤ 6
phases
• Native trans-inductor voltage regulator (TLVR)
topology support
• AMD® SVI3 compliant
• Enhanced D-CAP+™ control to provide superior
transient performance with excellent dynamic
current sharing
• Programmable loop compensations
• Flexible phase-firing sequencing
• Individual phase current calibrations and reports
• Dynamic phase shedding with programmable
current threshold for optimizing efficiency at light
and heavy loads
• Fast phase-adding for undershoot reduction
• Driverless configuration for efficient high-frequency
switching
• Fully compatible with TI NexFET™ power stages
for high-density solutions
• Accurate, adjustable voltage positioning
• Patented AutoBalance™ phase current balancing
• Selectable per-phase current limit
• PMBus™ system interface for telemetry of voltage,
current, power, temperature, and fault conditions
• 6.00 × 6.00 mm, 48-pin, 0.4 mm pitch, QFN
package

2 Applications
• Rack server
• Microserver and tower server
• High performance computing
• Baseband unit (BBU)

3 Description
The TPS536C5 is a fully AMD SVI3 compliant
step-down controller with dual channels, built-in nonvolatile
memory (NVM), and PMBus™ interface,
and is fully compatible with TI NexFET™ smart
power stage. Advanced control features such as
D-CAP+™ architecture with undershoot reduction
(USR) provide fast transient response, low output
capacitance, and good current sharing. The device
also provides novel phase interleaving strategy and
dynamic phase shedding for efficiency improvement
at different loads. Adjustable control of VCORE slew
rate and voltage positioning round out the AMD
SVI3 features. In addition, the device supports the
PMBus communication interface for reporting the
telemetry of voltage, current, power, temperature, and
fault conditions to the systems. All programmable
parameters can be configured by the PMBus interface
and can be stored in NVM as the new default values
to minimize the external component count.
The TPS536C5 device if offered in a thermally
enhanced 48-pin QFN packaged and is rated to
operate from –40°C to 125°C.




Similar Part No. - TPS536C5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS536C7 TI-TPS536C7 Datasheet
6Mb / 147P
TPS536C7B1 Dual-Channel D-CAP?? Dual-Channel (NM ??12 Phases) Step-Down, Multiphase Controller with PMBus??Interface
TPS536C7B1 TI-TPS536C7B1 Datasheet
6Mb / 147P
TPS536C7B1 Dual-Channel D-CAP?? Dual-Channel (NM ??12 Phases) Step-Down, Multiphase Controller with PMBus??Interface
TPS536C7B1RSLR TI-TPS536C7B1RSLR Datasheet
6Mb / 147P
TPS536C7B1 Dual-Channel D-CAP?? Dual-Channel (NM ??12 Phases) Step-Down, Multiphase Controller with PMBus??Interface
TPS536C7B1RSLT TI-TPS536C7B1RSLT Datasheet
6Mb / 147P
TPS536C7B1 Dual-Channel D-CAP?? Dual-Channel (NM ??12 Phases) Step-Down, Multiphase Controller with PMBus??Interface
TPS536C9 TI-TPS536C9 Datasheet
568Kb / 8P
TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
More results


Similar Description - TPS536C5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
TPS536C7 TI-TPS536C7 Datasheet
6Mb / 147P
TPS536C7B1 Dual-Channel D-CAP?? Dual-Channel (NM ??12 Phases) Step-Down, Multiphase Controller with PMBus??Interface
TPS53676 TI-TPS53676 Datasheet
5Mb / 143P
TPS53676 Dual-Channel D-CAP?? (NM ??7 Phases) Step-Down, Multiphase Controller with AVSBus??and PMBus??Interfaces
TPS536C9 TI-TPS536C9 Datasheet
568Kb / 8P
TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS536C9 TI-TPS536C9_V01 Datasheet
1Mb / 11P
TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
DECEMBER 2021
TPS53685 TI-TPS53685 Datasheet
1Mb / 11P
TPS53685 Dual-Channel (N M ≤ 8 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53689T TI-TPS53689T Datasheet
546Kb / 6P
TPS53689T Dual-channel (N M ≤ 8 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
TPS536C9T TI-TPS536C9T Datasheet
712Kb / 9P
TPS536C9T Dual-channel (N M ≤ 12 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com