Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AQ24-02HTG Datasheet (PDF) - Littelfuse

AQ24-02HTG Datasheet PDF - Littelfuse
Part # AQ24-02HTG
Download  AQ24-02HTG Download
File Size   1377.31 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description AQxx-02HTG Series 500W TVS Diode Array

AQ24-02HTG Datasheet (PDF)

Go To PDF Page Download Datasheet
AQ24-02HTG Datasheet PDF - Littelfuse

Part # AQ24-02HTG
Download  AQ24-02HTG Click to download

File Size   1377.31 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description AQxx-02HTG Series 500W TVS Diode Array

AQ24-02HTG Datasheet (HTML) - Littelfuse


AQ24-02HTG Product details

Description
The AQxx-02HTG Series TVS Diode Array is designed
to protect sensitive equipment from damage due to
electrostatic discharge (ESD), electrical fast transients
(EFT), and lightning induced surges.
This AQxx series can safely absorb repetitive ESD
strikes of ±30 kV (contact and air discharge as defined
in IEC 61000-4-2) without any performance degradation.
Additionally, the AQ05 can safely conduct a 33A 8/20 surge
event as defined in IEC 61000-4-5 2nd Edition at low voltage
clamping levels.

Features
• ESD, IEC 61000-4-2,
±30kV contact, ±30kV air
• EFT, IEC 61000-4-4, 50A
(5/50ns)
• Lightning, 33A (8/20μs as
defined in IEC 61000-4-5
2nd edition) for the AQ05
• Working voltages: 5V,
12V, 15V, 24V and 36V
ESD, ISO 10605, 330pF
330Ω, ±30kV contact,
±30kV air
• Low clamping voltage
• Low leakage current
• AEC-Q101 qualified
• Moisture Sensitivity Level
(MSL -1)
• Halogen free, lead free
and RoHS compliant
• PPAP capable

Applications
• Industrial Equipment
• Test and Medical
Equipment
• Point-of-Sale Terminals
• Motor Controls
• Legacy Ports
(RS-232, RS-485)
• Security and Alarm
Systems




Similar Part No. - AQ24-02HTG

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
AQ24-02HTG UMW-AQ24-02HTG Datasheet
844Kb / 7P
Industrial Equipment
More results


Similar Description - AQ24-02HTG

ManufacturerPart #DatasheetDescription
logo
StarHope
TESD03FU SPSEMI-TESD03FU Datasheet
369Kb / 3P
500W Unidirectional TVS Diode
logo
Shanghai Leiditech Elec...
SD12 LEIDITECH-SD12 Datasheet
150Kb / 3P
500W Unidirectional TVS Diode
SD15 LEIDITECH-SD15 Datasheet
140Kb / 3P
500W Unidirectional TVS Diode
SD24 LEIDITECH-SD24 Datasheet
140Kb / 3P
500W Unidirectional TVS Diode
SD36 LEIDITECH-SD36 Datasheet
140Kb / 3P
500W Unidirectional TVS Diode
logo
Littelfuse
SM24CANB LITTELFUSE-SM24CANB Datasheet
821Kb / 5P
500W TVS Diode Array
AQXX LITTELFUSE-AQXX Datasheet
2Mb / 7P
AQxx Series 450W Discrete Unidirectional TVS Diode
logo
Bourns Electronic Solut...
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
TVS Diode Array Series
logo
Shanghai Leiditech Elec...
SESD3Z5V LEIDITECH-SESD3Z5V Datasheet
199Kb / 3P
500W Unidirectional TVS Diode
logo
Littelfuse
AQXX-01FTG LITTELFUSE-AQXX-01FTG Datasheet
718Kb / 7P
AQxx-01FTG Series 450W Unidirectional TVS Diode
2018 Littelfuse, Inc
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com