Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP33510 Datasheet (PDF) - Diodes Incorporated

AP33510 Datasheet PDF - Diodes Incorporated
Part # AP33510
Download  AP33510 Download
File Size   1172.75 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUASI-RESONANT FLYBACK GAN CONTROLLER

AP33510 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP33510 Datasheet PDF - Diodes Incorporated

Part # AP33510
Download  AP33510 Click to download

File Size   1172.75 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUASI-RESONANT FLYBACK GAN CONTROLLER

AP33510 Datasheet (HTML) - Diodes Incorporated


AP33510 Product details

Features
- Up to 150kHz Quasi-Resonant Operation Mode for High Output Voltage
- Frequency Foldback for High Average Efficiency
- High Reliability Gate Driver for GaN FET
- Built-in High-Voltage Startup
- Soft Start During Startup Process
- Integrated X2 Capacitor Discharge Function
- Adaptive Output Power Limit with Output Voltage
- Non-Audible-Noise Green-Mode Control
- Wide VCC Power Supplied with 120V LDO
- Internal Slope Compensation
- Frequency Dithering for Reducing EMI
- VCC Maintain Mode
- Comprehensive System Protection Features:
- Secondary Winding Short Protection
- VCC Overvoltage Protection (VOVP)
- Line Overvoltage Protection (LOVP)
- Overload Protection (OLP)
- Cycle-by-Cycle Over-Current Protection
- Pin-Fault Protection
- Brown In/Out Protection (BNI/BNO)
- Secondary Side OVP (SOVP) and UVP (SUVP)
- Internal OTP
- Packaged in the SSOP-9 (Type CJ)
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- General GaN FET drivers
- Programmable switching AC/DC adapters or quick chargers
- High-density industrial and consumer power supplies




Similar Part No. - AP33510

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
AP33 JUNIPER-AP33 Datasheet
2Mb / 9P
AP34 ACCESS POINT DATASHEET
Oct 2023
AP33 JUNIPER-AP33 Datasheet
1Mb / 10P
AP33 ACCESS POINT DATASHEET
logo
Diodes Incorporated
AP3301 DIODES-AP3301 Datasheet
568Kb / 16P
QUASI-RESONANT PWM CONTROLLER
Rev 4
AP3301K6TR-G1 DIODES-AP3301K6TR-G1 Datasheet
568Kb / 16P
QUASI-RESONANT PWM CONTROLLER
Rev 4
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
More results


Similar Description - AP33510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600 TI-UCC28600 Datasheet
354Kb / 25P
8-PIN QUASI-RESONANT FLYBACK GREEN MODE CONTROLLER
UCC28600-Q1 TI1-UCC28600-Q1 Datasheet
635Kb / 30P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI1-UCC28600_13 Datasheet
1,019Kb / 31P
8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600-Q1 TI1-UCC28600-Q1_14 Datasheet
1,014Kb / 32P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI1-UCC28600_14 Datasheet
1,021Kb / 32P
8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600-Q1 TI-UCC28600-Q1_15 Datasheet
961Kb / 31P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
logo
ON Semiconductor
NCP1342 ONSEMI-NCP1342 Datasheet
882Kb / 41P
High Frequency Quasi-Resonant Flyback Controller
December, 2017 ??Rev. 1
NCP1343 ONSEMI-NCP1343 Datasheet
705Kb / 42P
High Frequency Quasi- Resonant Flyback Controller
March, 2021 ??Rev. 2
NCP1342 ONSEMI-NCP1342_V01 Datasheet
1Mb / 43P
Quasi-Resonant Flyback Controller, High Frequency
May, 2022 - Rev. 24
NCP1343 ONSEMI-NCP1343_V01 Datasheet
782Kb / 43P
High Frequency Quasi- Resonant Flyback Controller
July, 2021 - Rev. 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com