Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDSAS6062 Datasheet (PDF) - Diodes Incorporated

FDSAS6062 Datasheet PDF - Diodes Incorporated
Part # FDSAS6062
Download  FDSAS6062 Download
File Size   356.5 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.8V CMOS Low-Jitter 62.5 MHz SAS2/SATA3 XO

FDSAS6062 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDSAS6062 Datasheet PDF - Diodes Incorporated

Part # FDSAS6062
Download  FDSAS6062 Click to download

File Size   356.5 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.8V CMOS Low-Jitter 62.5 MHz SAS2/SATA3 XO

FDSAS6062 Datasheet (HTML) - Diodes Incorporated


FDSAS6062 Product details

Features
- Very low Pk to Pk jitter - 30ps Max
- Low output current - 10mA Max
- Low power standby mode
- RoHS Compliant

Applications
- Serial Attached SCSI 6G Hard Disk Drive




Similar Part No. - FDSAS6062

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FDSAS6062 PERICOM-FDSAS6062 Datasheet
587Kb / 2P
1.8V CMOS Low-Jitter 62.5 MHz SAS2/SATA3 XO
More results


Similar Description - FDSAS6062

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FDSAS2062 PERICOM-FDSAS2062 Datasheet
622Kb / 2P
2.5V CMOS Low-Jitter 62.5 MHz SAS-2 XO
FDSAS6062 PERICOM-FDSAS6062 Datasheet
587Kb / 2P
1.8V CMOS Low-Jitter 62.5 MHz SAS2/SATA3 XO
UJWIFI026 PERICOM-UJWIFI026 Datasheet
576Kb / 2P
1.8V Clipped Sine Low-Jitter 26 MHz WiFi XO
logo
List of Unclassifed Man...
FN2500170 ETC2-FN2500170 Datasheet
244Kb / 3P
1.8V CMOS Low Jitter XO
logo
Pericom Semiconductor C...
FD-1.8V PERICOM-FD-1.8V Datasheet
260Kb / 3P
1.8V CMOS Low Jitter XO
FDQ-1.8V PERICOM-FDQ-1.8V Datasheet
983Kb / 2P
1.8V CMOS Low Jitter XO
FJ-1.8V PERICOM-FJ-1.8V Datasheet
599Kb / 2P
1.8V CMOS Low Jitter XO
FK-1.8V PERICOM-FK-1.8V Datasheet
640Kb / 2P
1.8V CMOS Low Jitter XO
FKQ-1.8V PERICOM-FKQ-1.8V Datasheet
858Kb / 2P
1.8V CMOS Low Jitter XO
FM-1.8V PERICOM-FM-1.8V Datasheet
606Kb / 2P
1.8V CMOS Low Jitter XO
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com