Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FNEPON125 Datasheet (PDF) - Diodes Incorporated

FNEPON125 Datasheet PDF - Diodes Incorporated
Part # FNEPON125
Download  FNEPON125 Download
File Size   411.07 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.3V CMOS Low-Jitter 125MHz EPON XO

FNEPON125 Datasheet (PDF)

Go To PDF Page Download Datasheet
FNEPON125 Datasheet PDF - Diodes Incorporated

Part # FNEPON125
Download  FNEPON125 Click to download

File Size   411.07 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.3V CMOS Low-Jitter 125MHz EPON XO

FNEPON125 Datasheet (HTML) - Diodes Incorporated


FNEPON125 Product details

Features
- Very low phase jitter - 0.5ps RMS
- Thicker crystal for improved reliability
- Low output current - 20mA max
- Low power stand by mode
- Industrial Temperature Range
- Pb-free & RoHS compliant

Applications
- EPON Optical Network Unit(ONU)
- EPON Optical Line Termination(OLT)
- EPON Gateway




Similar Part No. - FNEPON125

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FNEPON125 PERICOM-FNEPON125 Datasheet
559Kb / 2P
3.3V CMOS Low-Jitter 125MHz EPON XO
More results


Similar Description - FNEPON125

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FNEPON125 PERICOM-FNEPON125 Datasheet
559Kb / 2P
3.3V CMOS Low-Jitter 125MHz EPON XO
logo
List of Unclassifed Man...
FN3270025 ETC2-FN3270025 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
FD2400022 ETC2-FD2400022 Datasheet
260Kb / 3P
3.3V CMOS Low Jitter XO
FK3300006 ETC2-FK3300006 Datasheet
238Kb / 3P
3.3V CMOS Low Jitter XO
FN1470033 ETC2-FN1470033 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
FN5000110 ETC2-FN5000110 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
logo
Pericom Semiconductor C...
FK0100002 PERICOM-FK0100002 Datasheet
238Kb / 3P
3.3V CMOS Low Jitter XO
logo
List of Unclassifed Man...
FK2500019 ETC2-FK2500019 Datasheet
238Kb / 3P
3.3V CMOS Low Jitter XO
logo
Pericom Semiconductor C...
FDQ-3.3V PERICOM-FDQ-3.3V Datasheet
986Kb / 2P
3.3V CMOS Low Jitter XO
FK-3.3V PERICOM-FK-3.3V Datasheet
641Kb / 2P
3.3V CMOS Low Jitter XO
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com