Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA7609D1 Datasheet (PDF) - ANADIGICS, Inc

ATA7609D1 Datasheet PDF - ANADIGICS, Inc
Part # ATA7609D1
Download  ATA7609D1 Download
File Size   178.57 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 10 Gb/s High Overload TIA

ATA7609D1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATA7609D1 Datasheet PDF - ANADIGICS, Inc

Part # ATA7609D1
Download  ATA7609D1 Click to download

File Size   178.57 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 10 Gb/s High Overload TIA

ATA7609D1 Datasheet (HTML) - ANADIGICS, Inc


ATA7609D1 Product details

PRODUCT DESCRIPTION
The ANADIGICS ATA7609 is a –5.2 V high-speed transimpedance amplifier (TIA) designed for 10 Gb/s optical receiver applications available in bare die form and manufactured using an InGaP based HBT process. The device is used in conjunction with a photodetector to convert an optical signal into a differential output voltage that can be AC or DC coupled to a post amplifier. The ATA7609 has an internal overload support circuit and can accept optical inputs as high as +3 dBm. With its low noise and high optical overload capability, the device is well suited for 10 Gb/s Ethernet and OC-192 Very Short-Reach (VSR), Short-Reach, Intermediate-Reach and Long-Reach optical receivers, transceivers and transponders. The ATA7609 is identical to the ATA7603 but with the output polarities reversed.

FEATURES
• 1800 Ω Differential Transimpedance
• 3 mApp Maximum Input Current
• 14 pA/√Hz Input Noise Current Density
• Single –5.2 V Power Supply
• Low Group Delay
• Outputs DC or AC Coupled
• Same Functionality as ATA7603 with the Output Polarities Reversed

APPLICATIONS
• SONET/SDH OC-192 /STM-64 VSR, Short-Reach, Intermediate-Reach, and Long-Reach Receivers
• 10 Gb/s Ethernet
• Fiber optic receivers, transceivers, and transponders




Similar Part No. - ATA7609D1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA7601 ANADIGICS-ATA7601 Datasheet
194Kb / 8P
5.0V 10Gb/s TIA
REV 1
ATA7601D1 ANADIGICS-ATA7601D1 Datasheet
194Kb / 8P
5.0V 10Gb/s TIA
REV 1
ATA7602 ANADIGICS-ATA7602 Datasheet
201Kb / 8P
10GB/s Offset Control TIA
REV 0
ATA7602D1 ANADIGICS-ATA7602D1 Datasheet
201Kb / 8P
10GB/s Offset Control TIA
REV 0
ATA7603 ANADIGICS-ATA7603 Datasheet
185Kb / 12P
10 Gb/s High Overload TIA PRELIMINARY DATA SHEET - Rev 1.0
REV 1.0
More results


Similar Description - ATA7609D1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA7603 ANADIGICS-ATA7603 Datasheet
185Kb / 12P
10 Gb/s High Overload TIA PRELIMINARY DATA SHEET - Rev 1.0
REV 1.0
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
1.25 Gb/s 1310/1550nm PIN-TIA
Rev 1.1
AMT8304 ANADIGICS-AMT8304 Datasheet
472Kb / 12P
2.125 Gb/s Integrated 850nm MSM-TIA
12/2003
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
2.5 Gb/s 850 nm PIN-TIA
09/2003
AMT8410 ANADIGICS-AMT8410 Datasheet
180Kb / 8P
2.5 Gb/s 1310/1550nm PIN-TIA
09/2002
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
2.5 Gb/s 1310/1550nm PIN-TIA
Rev 0.1
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
logo
Zarlink Semiconductor I...
PX6429 ZARLINK-PX6429 Datasheet
229Kb / 3P
12 x 10 Gb/s TIA/LA Optical Receiver
PX6524 ZARLINK-PX6524 Datasheet
617Kb / 3P
4 x 10 Gb/s TIA/LA Receiver
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com