Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA0710 Datasheet (PDF) - Anpec Electronics Coropration

APA0710 Datasheet PDF - Anpec Electronics Coropration
Part # APA0710
Download  APA0710 Download
File Size   509.54 Kbytes
Page   29 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1.1W Mono Low-Voltage Audio Power Amplifier

APA0710 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA0710 Datasheet PDF - Anpec Electronics Coropration

Part # APA0710
Download  APA0710 Click to download

File Size   509.54 Kbytes
Page   29 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1.1W Mono Low-Voltage Audio Power Amplifier

APA0710 Datasheet (HTML) - Anpec Electronics Coropration


APA0710 Product details

General Description

The  APA0710  is  a  bridged-tied  load  (BTL)  or  singled ended  (SE)  audio  power  a mplifier  developed  es pecially for low-voltage applications where internal speakers and external earphone operati on are  required. The APA0711  is  a  only  BTL   audio  power   amplifier   developed especially  for  low-voltage  applications  where  internal speakers are  required. Operating with a 5V supply ,



Features

· Operating  Voltage  :  2.6V-5.5V

· AP A0710  Compatible  with  TP A71 1

  AP A071 1  Compatible  with  TP A751

· Bridge-Tied  Load  (BTL)  or  Single-Ended  (SE)

  Modes  Operation  (for  APA0710  only)

· Supply  Current

  – IDD=1.3mA at  VDD=5V ,BTL mode

  – IDD=0.9mA at  VDD=3.3V ,BTL mode

· Low  Shutdown  Current

  –  IDD=0.1mA

· Low  Distortion

  – 630mW, at  VDD=5V , BTL,  RL=8W THD+N=0.15%

  – 280mW, at  VDD=3.3V ,  BTL, RL=8W THD+N=0.15%

· Output  Power at 

  1%  THD+N

  – 900mW, at  VDD=5V , BTL,  RL=8W

  – 400mW, at  VDD=3.3V ,  BTL, RL=8W

  at  10%  THD+N

  –1.1W at VDD=5V, BTL,  RL=8W

  –480mW at VDD=3.3V , BTL, RL=8W

· Depop  Circuitry  Integrated

· Thermal  Shutdown  Protection  and Over  Current  Protection  Circuitry

· High  supply  voltage  ripple  rejection

· Surface-Mount  Packaging

  – 8  pin  MSOP-P  (with enhanced  thermal  pad) power  package  available

  – SOP-8  package

• Lead  Free  Available  (RoHS  Compliant)



Applications

· Mobil  Phones

· PDAs

· Digital Ca mera

· Portable  Electronic  Devices




Similar Part No. - APA0710

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA0713 ANPEC-APA0713 Datasheet
325Kb / 19P
1.1W Mono Low-Voltage Audio Power Amplifier
APA0713KI-TRG ANPEC-APA0713KI-TRG Datasheet
325Kb / 19P
1.1W Mono Low-Voltage Audio Power Amplifier
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
3W Mono Fully Differential Audio Power Amplifier
APA0714QBI-TRG ANPEC-APA0714QBI-TRG Datasheet
462Kb / 25P
3W Mono Fully Differential Audio Power Amplifier
APA0714XAI-TRG ANPEC-APA0714XAI-TRG Datasheet
462Kb / 25P
3W Mono Fully Differential Audio Power Amplifier
More results


Similar Description - APA0710

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
1.1W Audio Power Amplifier with Shutdown Logic Low
logo
MOSA ELECTRONICS
MS6890 MOSA-MS6890 Datasheet
388Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
MS6890 MOSA-MS6890_1 Datasheet
307Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
MS6891 MOSA-MS6891 Datasheet
451Kb / 10P
Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
MS6901 MOSA-MS6901_1 Datasheet
347Kb / 9P
Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
logo
Anpec Electronics Corop...
APA0713 ANPEC-APA0713 Datasheet
325Kb / 19P
1.1W Mono Low-Voltage Audio Power Amplifier
logo
Texas Instruments
LM4876M TI-LM4876M Datasheet
985Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
1.1W Audio Power Amplifier with Logic Low Shutdown
logo
SG Micro Corp
SGM4890 SGMICRO-SGM4890_15 Datasheet
361Kb / 12P
1.1W Audio Power Amplifier
SGM4992 SGMICRO-SGM4992 Datasheet
335Kb / 10P
1.1W Stereo Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com