Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5551 Datasheet (PDF) - Anpec Electronics Coropration

APL5551 Datasheet PDF - Anpec Electronics Coropration
Part # APL5551
Download  APL5551 Download
File Size   316.29 Kbytes
Page   17 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual Channel 500mA/500mA Regulator Reset IC

APL5551 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5551 Datasheet PDF - Anpec Electronics Coropration

Part # APL5551
Download  APL5551 Click to download

File Size   316.29 Kbytes
Page   17 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual Channel 500mA/500mA Regulator Reset IC

APL5551 Datasheet (HTML) - Anpec Electronics Coropration


APL5551 Product details

General Description
The APL5551 is a dual-channel regulator with reset function (specific voltage monitoring), and internal delay circuit, set to detect 3.9V. Maximum input voltage is 6V, and both output1 and output2 can deliver up to 450mA. The typical dropout voltage of both channel is 500mV at 500mA loading. Design with an internal P-channel MOSFET pass transistor, the APL5551 maintains a low supply current. Other features include, thermal-shutdown protection, current limit protection to ensure specified output current. The APL5551 comes in miniature SOP-8 and SOP-8-P packages.

Features
• Low Quiescent Current : 110mA (No load)
• LowDropout Voltage :
   VDROP1 = 450mV @ 500mA
   VDROP2= 500mV @ 500mA
• Fixed Output Voltage :
   VOUT1 = 3.3V/500mA
   VOUT2 = 2.8V/500mA
• Stable with 4.7mF Output Capacitor
• Stable with Aluminum, Tantalum or Ceramic
   Capacitors
• Built in Thermal Protection
• Fast Transient Response
• Short Setting Time
• SOP-8, SOP-8-P with Thermal Pad Packages
• Adjustment-free Reset Detection Voltage :
   3.9V typ
• Easy to Set Delay Time from Voltage
   Detection to Reset Release
• Lead Free Available (RoHS Compliant)

Applications
• Optical Storage System




Similar Part No. - APL5551

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results


Similar Description - APL5551

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5212 MICREL-MIC5212 Datasheet
171Kb / 9P
Dual 500mA LDO Regulator
logo
Anpec Electronics Corop...
APL5525 ANPEC-APL5525 Datasheet
172Kb / 14P
DUAL CHANNEL 500mA REGULATOR - RESET IC
APL5505 ANPEC-APL5505 Datasheet
231Kb / 15P
500mA Regulator Reset IC
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
Dual 500mA LDO Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926_06 Datasheet
335Kb / 8P
Dual 500mA LDO Regulator
logo
Anpec Electronics Corop...
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
Dual Channel 500mA/500mA Regulator Reset IC
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
500mA Regulator IC
MM344XX MITSUMI-MM344XX Datasheet
98Kb / 8P
500mA Regulator IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com