Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5912 Datasheet (PDF) - Anpec Electronics Coropration

APL5912 Datasheet PDF - Anpec Electronics Coropration
Part # APL5912
Download  APL5912 Download
File Size   476.6 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 0.8V Reference Ultra Low Dropout (0.2V@5A) Linear Regulator

APL5912 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5912 Datasheet PDF - Anpec Electronics Coropration

Part # APL5912
Download  APL5912 Click to download

File Size   476.6 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 0.8V Reference Ultra Low Dropout (0.2V@5A) Linear Regulator

APL5912 Datasheet (HTML) - Anpec Electronics Coropration


APL5912 Product details

General  Description

The APL5912 is  a 5A ultra  low  dropout linear  regulator. This product is specifically designed to provide well supply voltage for front-side-bus termination on motherboard and  NB applications. The IC needs two supply voltages, a control voltage for the circuitry and a main supply voltage

for  power  conversion,  to  reduce  power  dissipation  and provide extremely low dropout.



Features

• Ultra  Low  Dropout

-  0.2V (T ypical)  at  5A Output Current

• Low  ESR  Output  Capacitor  (Multi-layer  Chip Capacitors  (MLCC))  Applicable

• 0.8V Reference V oltage

• High  Output  Accuracy

- –1.5% Over Line, Load and T emperature

• Fast Transient Response

• Adjustable  Output  V oltage  by  External Resistors

• Power-On-Reset  Monitoring  on  Both  VCNTL  and VIN  Pins

• Internal Soft-Start

• Current-Limit  Protection

• Under-V oltage  Protection

• Thermal Shutdown with Hysteresis

• Power-OK  Output  with a Delay Time

• Shutdown  for  Standby or  Suspend Mode

• Simple SOP-8P Package with Exposed Pad

• Lead Free  and  Green  Devices  Available(RoHS  Compliant)




Similar Part No. - APL5912

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5912 ANPEC-APL5912 Datasheet
476Kb / 20P
0.8V Reference Ultra Low Dropout (0.2V5A) Linear Regulator
APL5912KAC-TRG ANPEC-APL5912KAC-TRG Datasheet
476Kb / 20P
0.8V Reference Ultra Low Dropout (0.2V5A) Linear Regulator
APL5912 ANPEC-APL5912_09 Datasheet
476Kb / 20P
0.8V Reference Ultra Low Dropout (0.2V5A) Linear Regulator
More results


Similar Description - APL5912

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LADLD30 UTC-LADLD30 Datasheet
220Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70 Datasheet
230Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD10 UTC-LADLD10 Datasheet
252Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD20 UTC-LADLD20 Datasheet
254Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD15 UTC-LXXLD15_14 Datasheet
233Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD30 UTC-LXXLD30_16 Datasheet
250Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD50 UTC-LXXLD50_16 Datasheet
347Kb / 11P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD10 UTC-LXXLD10 Datasheet
250Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD20 UTC-LXXLD20 Datasheet
250Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70_V01 Datasheet
267Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com