Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM2054NV Datasheet (PDF) - Anpec Electronics Coropration

APM2054NV Datasheet PDF - Anpec Electronics Coropration
Part # APM2054NV
Download  APM2054NV Download
File Size   206.82 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description N-Channel Enhancement Mode MOSFET

APM2054NV Datasheet (PDF)

Go To PDF Page Download Datasheet
APM2054NV Datasheet PDF - Anpec Electronics Coropration

Part # APM2054NV
Download  APM2054NV Click to download

File Size   206.82 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description N-Channel Enhancement Mode MOSFET

APM2054NV Datasheet (HTML) - Anpec Electronics Coropration


APM2054NV Product details

Features

• 20V/5A,RDS(ON)= 35mW (typ.) @  VGS=  10V

            RDS(ON)= 45mW (typ.) @  VGS= 4.5V

            RDS(ON)= 1 10mW (typ.) @ VGS= 2.5V

• Super High  Dense Cell Design

• Reliable  and Rugged

• Lead Free  Available  (RoHS Compliant)



Applications

•  Switching  Regulators

• Switching  Converters



 




Similar Part No. - APM2054NV

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2054ND ANPEC-APM2054ND Datasheet
116Kb / 10P
N-Channel Enhancement Mode MOSFET
APM2054NDC-TR ANPEC-APM2054NDC-TR Datasheet
116Kb / 10P
N-Channel Enhancement Mode MOSFET
APM2054NDC-TRL ANPEC-APM2054NDC-TRL Datasheet
116Kb / 10P
N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
APM2054NDC-TRL VBSEMI-APM2054NDC-TRL Datasheet
1,011Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Anpec Electronics Corop...
APM2054NDC-TU ANPEC-APM2054NDC-TU Datasheet
116Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Similar Description - APM2054NV

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com