Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4412K Datasheet (PDF) - Anpec Electronics Coropration

APM4412K Datasheet PDF - Anpec Electronics Coropration
Part # APM4412K
Download  APM4412K Download
File Size   189.38 Kbytes
Page   10 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description N-Channel Enhancement Mode MOSFET

APM4412K Datasheet (PDF)

Go To PDF Page Download Datasheet
APM4412K Datasheet PDF - Anpec Electronics Coropration

Part # APM4412K
Download  APM4412K Click to download

File Size   189.38 Kbytes
Page   10 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description N-Channel Enhancement Mode MOSFET

APM4412K Datasheet (HTML) - Anpec Electronics Coropration


APM4412K Product details

Features
• 30V/12A,
    RDS(ON) = 9mW (typ.) @ VGS = 10V
    RDS(ON) =12mW (typ.) @ VGS = 4.5V
• Super High Dense Cell Design
• Reliable and Rugged
• SOP-8 Package
• Lead Free Available (RoHS Compliant)

Applications
• Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems




Similar Part No. - APM4412K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4410 ANPEC-APM4410 Datasheet
514Kb / 9P
N-Channel Enhancement Mode MOSFET
APM4410K ANPEC-APM4410K Datasheet
514Kb / 9P
N-Channel Enhancement Mode MOSFET
APM4410KC-TR ANPEC-APM4410KC-TR Datasheet
514Kb / 9P
N-Channel Enhancement Mode MOSFET
APM4410KC-TU ANPEC-APM4410KC-TU Datasheet
514Kb / 9P
N-Channel Enhancement Mode MOSFET
APM4416 ANPEC-APM4416 Datasheet
148Kb / 9P
N-Channel Enhancement Mode MOSFET
More results


Similar Description - APM4412K

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com