Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4542K Datasheet (PDF) - Anpec Electronics Coropration

APM4542K Datasheet PDF - Anpec Electronics Coropration
Part # APM4542K
Download  APM4542K Download
File Size   153.75 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual Enhancement Mode MOSFET (N-and P-Channel)

APM4542K Datasheet (PDF)

Go To PDF Page Download Datasheet
APM4542K Datasheet PDF - Anpec Electronics Coropration

Part # APM4542K
Download  APM4542K Click to download

File Size   153.75 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual Enhancement Mode MOSFET (N-and P-Channel)

APM4542K Datasheet (HTML) - Anpec Electronics Coropration


APM4542K Product details

Features

• N-Channel

   30V/7A, RDS(ON)=17mΩ(typ.) @ VGS=10V

               RDS(ON)=22mΩ(typ.) @ VGS=4.5V

• P-Channel

   -30V/-5.5A, RDS(ON)=35mΩ(typ.) @ VGS=-10V

                   RDS(ON)=51mΩ(typ.) @ VGS=-4.5V

• Super High Dense Cell Design for Extremely

  Low RDS(ON)

• Reliable and Rugged

• SO-8 Package



Applications

• Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems.



 




Similar Part No. - APM4542K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4542KC-TRL ANPEC-APM4542KC-TRL Datasheet
270Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
More results


Similar Description - APM4542K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
APM4500AK SINOPWER-APM4500AK Datasheet
308Kb / 14P
Dual Enhancement Mode MOSFET (N- and P-Channel)
SM1A40CSK SINOPWER-SM1A40CSK Datasheet
219Kb / 16P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
Dual Enhancement Mode MOSFET (N-and P-Channel)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com