Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4925K Datasheet (PDF) - Anpec Electronics Coropration

APM4925K Datasheet PDF - Anpec Electronics Coropration
Part # APM4925K
Download  APM4925K Download
File Size   117.37 Kbytes
Page   10 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual P-Channel Enhancement Mode MOSFET

APM4925K Datasheet (PDF)

Go To PDF Page Download Datasheet
APM4925K Datasheet PDF - Anpec Electronics Coropration

Part # APM4925K
Download  APM4925K Click to download

File Size   117.37 Kbytes
Page   10 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual P-Channel Enhancement Mode MOSFET

APM4925K Datasheet (HTML) - Anpec Electronics Coropration


APM4925K Product details

Features
• -30V/-6.1A ,
   RDS(ON)=24mΩ(typ.) @ VGS=-10V
   RDS(ON)=30mΩ(typ.) @ VGS=-4.5V
• Super High Dense Cell Design
• Reliable and Rugged
• SOP-8 Package
• Lead Free Available (RoHS Compliant)

Applications
• Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems




Similar Part No. - APM4925K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4925KC-TR ANPEC-APM4925KC-TR Datasheet
129Kb / 9P
P CHANNEL ENHANCEMENT MODE MOSFET
APM4925KC-TU ANPEC-APM4925KC-TU Datasheet
129Kb / 9P
P CHANNEL ENHANCEMENT MODE MOSFET
More results


Similar Description - APM4925K

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
Dual P-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31448 Rev. 3 - 2
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31494 Rev. 4 - 2
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31540 Rev. 3 - 2
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31940 Rev. 3 - 2
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31975 Rev. 5 - 2
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308_08 Datasheet
218Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com